Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237405 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237405
Description  SACC-DSI-FSX-8CON-M16-L180 SCOX - Device connector, rear mounting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237405 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237405 Datasheet HTML 1Page - PHOENIX CONTACT 1237405 Datasheet HTML 2Page - PHOENIX CONTACT 1237405 Datasheet HTML 3Page - PHOENIX CONTACT 1237405 Datasheet HTML 4Page - PHOENIX CONTACT 1237405 Datasheet HTML 5Page - PHOENIX CONTACT 1237405 Datasheet HTML 6Page - PHOENIX CONTACT 1237405 Datasheet HTML 7Page - PHOENIX CONTACT 1237405 Datasheet HTML 8Page - PHOENIX CONTACT 1237405 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector, rear mounting, Ethernet CAT6A CAT6A, 8-position, Socket-SPEEDCON,
coding: X, Rear mounting, M16 x 1.5, Solder pins, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb <0.1%)
Your advantages
Easy PCB assembly: one-piece connectors for wave soldering
•
All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
•
For high transmission reliability: optional shield connection to the housing by means of shield contact
•
Commercial data
Item number
1237405
Packing unit
1 pc
Minimum order quantity
20 pc
Sales key
AB23
Product key
ABQEHB
GTIN
4063151431426
Weight per piece (including packing)
16.65 g
Weight per piece (excluding packing)
16.62 g
Customs tariff number
85366990
Country of origin
DE
SACC-DSI-FSX-8CON-M16-L180 SCOX - Device
connector, rear mounting
1237405
https://www.phoenixcontact.com/us/products/1237405
Jan 15, 2024, 8:09 AM
Page 1 (9)


Similar Part No. - 1237405

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237400 PHOENIX-1237400 Datasheet
630Kb / 16P
SACC-CI-M12FSD-4CON-SH TOR 32X - Contact carrier
1237402 PHOENIX-1237402 Datasheet
534Kb / 14P
SACC-CI-M12FSX-8CON-L180 TOR32X - Contact carrier
1237406 PHOENIX-1237406 Datasheet
239Kb / 7P
SACC-DSIV-FSD-4CON-L90 SCOX - Device connector rear mounting
1237409 PHOENIX-1237409 Datasheet
191Kb / 4P
SACC-M12-SCO NUT L 90X - Housing screw connection
More results

Similar Description - 1237405

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419690 PHOENIX-1419690 Datasheet
444Kb / 13P
SACC-DSI-M12FS-8CON-M16/0,5 - Device connector, rear mounting
1441817 PHOENIX-1441817 Datasheet
514Kb / 12P
SACC-DSI-M12FS-8CON-M16 - Device connector, rear mounting
1441804 PHOENIX-1441804 Datasheet
513Kb / 12P
SACC-DSI-M12MS-8CON-M16 - Device connector, rear mounting
1441927 PHOENIX-1441927 Datasheet
516Kb / 12P
SACC-DSI-M12MS-8CON-M16 SH - Device connector, rear mounting
1441930 PHOENIX-1441930 Datasheet
518Kb / 12P
SACC-DSI-M12FS-8CON-M16 SH - Device connector, rear mounting
1553873 PHOENIX-1553873 Datasheet
561Kb / 12P
SACC-DSI-MS-8CON-L180/SCO SH - Device connector, rear mounting
1542758 PHOENIX-1542758 Datasheet
503Kb / 11P
SACC-DSI-MS-8CON-L180 SCO - Device connector, rear mounting
1542774 PHOENIX-1542774 Datasheet
568Kb / 12P
SACC-DSI-FS-8CON-L180 SCO - Device connector, rear mounting
1408770 PHOENIX-1408770 Datasheet
454Kb / 11P
SACC-DSI-FS-8CON-L180/12 SCO - Device connector, rear mounting
1456530 PHOENIX-1456530 Datasheet
444Kb / 9P
SACC-DSI-MS-8CON-L180/SH TQ - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com