Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BDS640HD8VMI Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29BDS640HD8VMI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640HD8VMI Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29BDS640HD8VMI Datasheet HTML 27Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 28Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 29Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 30Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 31Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 32Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 33Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 34Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
29
D A TA
SH EE T
SA135
32 Kwords
400000h–407FFFh
SA167
32 Kwords
500000h–507FFFh
SA136
32 Kwords
408000h–40FFFFh
SA168
32 Kwords
508000h–50FFFFh
SA137
32 Kwords
410000h–417FFFh
SA169
32 Kwords
510000h–517FFFh
SA138
32 Kwords
418000h–41FFFFh
SA170
32 Kwords
518000h–51FFFFh
SA139
32 Kwords
420000h–427FFFh
SA171
32 Kwords
520000h–527FFFh
SA140
32 Kwords
428000h–42FFFFh
SA172
32 Kwords
528000h–52FFFFh
SA141
32 Kwords
430000h–437FFFh
SA173
32 Kwords
530000h–537FFFh
SA142
32 Kwords
438000h–43FFFFh
SA174
32 Kwords
538000h–53FFFFh
SA143
32 Kwords
440000h–447FFFh
SA175
32 Kwords
540000h–547FFFh
SA144
32 Kwords
448000h–44FFFFh
SA176
32 Kwords
548000h–54FFFFh
SA145
32 Kwords
450000h–457FFFh
SA177
32 Kwords
550000h–557FFFh
SA146
32 Kwords
458000h–45FFFFh
SA178
32 Kwords
558000h–55FFFFh
SA147
32 Kwords
460000h–467FFFh
SA179
32 Kwords
560000h–567FFFh
SA148
32 Kwords
468000h–46FFFFh
SA180
32 Kwords
568000h–56FFFFh
SA149
32 Kwords
470000h–477FFFh
SA181
32 Kwords
570000h–577FFFh
SA150
32 Kwords
478000h–47FFFFh
SA182
32 Kwords
578000h–57FFFFh
SA151
32 Kwords
480000h–487FFFh
SA183
32 Kwords
580000h–587FFFh
SA152
32 Kwords
488000h–48FFFFh
SA184
32 Kwords
588000h–58FFFFh
SA153
32 Kwords
490000h–497FFFh
SA185
32 Kwords
590000h–597FFFh
SA154
32 Kwords
498000h–49FFFFh
SA186
32 Kwords
598000h–59FFFFh
SA155
32 Kwords
4A0000h–4A7FFFh
SA187
32 Kwords
5A0000h–5A7FFFh
SA156
32 Kwords
4A8000h–4AFFFFh
SA188
32 Kwords
5A8000h–5AFFFFh
SA157
32 Kwords
4B0000h–4B7FFFh
SA189
32 Kwords
5B0000h–5B7FFFh
SA158
32 Kwords
4B8000h–4BFFFFh
SA190
32 Kwords
5B8000h–5BFFFFh
SA159
32 Kwords
4C0000h–4C7FFFh
SA191
32 Kwords
5C0000h–5C7FFFh
SA160
32 Kwords
4C8000h–4CFFFFh
SA192
32 Kwords
5C8000h–5CFFFFh
SA161
32 Kwords
4D0000h–4D7FFFh
SA193
32 Kwords
5D0000h–5D7FFFh
SA162
32 Kwords
4D8000h–4DFFFFh
SA194
32 Kwords
5D8000h–5DFFFFh
SA163
32 Kwords
4E0000h–4E7FFFh
SA195
32 Kwords
5E0000h–5E7FFFh
SA164
32 Kwords
4E8000h–4EFFFFh
SA196
32 Kwords
5E8000h–5EFFFFh
SA165
32 Kwords
4F0000h–4F7FFFh
SA197
32 Kwords
5F0000h–5F7FFFh
SA166
32 Kwords
4F8000h–4FFFFFh
SA198
32 Kwords
5F8000h–5FFFFFh
Table 12.
Am29BDS128H Sector Address Table (Continued)
Bank
Sector
Sector Size
(x16) Address Range
Bank
Sector
Sector Size
(x16) Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com