Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BDS640HD8VMI Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM29BDS640HD8VMI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640HD8VMI Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM29BDS640HD8VMI Datasheet HTML 26Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 27Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 28Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 29Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 30Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 31Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 32Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 33Page - Advanced Micro Devices AM29BDS640HD8VMI Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
28
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
SA71
32 Kwords
200000h–207FFFh
SA103
32 Kwords
300000h–307FFFh
SA72
32 Kwords
208000h–20FFFFh
SA104
32 Kwords
308000h–30FFFFh
SA73
32 Kwords
210000h–217FFFh
SA105
32 Kwords
310000h–317FFFh
SA74
32 Kwords
218000h–21FFFFh
SA106
32 Kwords
318000h–31FFFFh
SA75
32 Kwords
220000h–227FFFh
SA107
32 Kwords
320000h–327FFFh
SA76
32 Kwords
228000h–22FFFFh
SA108
32 Kwords
328000h–32FFFFh
SA77
32 Kwords
230000h–237FFFh
SA109
32 Kwords
330000h–337FFFh
SA78
32 Kwords
238000h–23FFFFh
SA110
32 Kwords
338000h–33FFFFh
SA79
32 Kwords
240000h–247FFFh
SA111
32 Kwords
340000h–347FFFh
SA80
32 Kwords
248000h–24FFFFh
SA112
32 Kwords
348000h–34FFFFh
SA81
32 Kwords
250000h–257FFFh
SA113
32 Kwords
350000h–357FFFh
SA82
32 Kwords
258000h–25FFFFh
SA114
32 Kwords
358000h–35FFFFh
SA83
32 Kwords
260000h–267FFFh
SA115
32 Kwords
360000h–367FFFh
SA84
32 Kwords
268000h–26FFFFh
SA116
32 Kwords
368000h–36FFFFh
SA85
32 Kwords
270000h–277FFFh
SA117
32 Kwords
370000h–377FFFh
SA86
32 Kwords
278000h–27FFFFh
SA118
32 Kwords
378000h–37FFFFh
SA87
32 Kwords
280000h–287FFFh
SA119
32 Kwords
380000h–387FFFh
SA88
32 Kwords
288000h–28FFFFh
SA120
32 Kwords
388000h–38FFFFh
SA89
32 Kwords
290000h–297FFFh
SA121
32 Kwords
390000h–397FFFh
SA90
32 Kwords
298000h–29FFFFh
SA122
32 Kwords
398000h–39FFFFh
SA91
32 Kwords
2A0000h–2A7FFFh
SA123
32 Kwords
3A0000h–3A7FFFh
SA92
32 Kwords
2A8000h–2AFFFFh
SA124
32 Kwords
3A8000h–3AFFFFh
SA93
32 Kwords
2B0000h–2B7FFFh
SA125
32 Kwords
3B0000h–3B7FFFh
SA94
32 Kwords
2B8000h–2BFFFFh
SA126
32 Kwords
3B8000h–3BFFFFh
SA95
32 Kwords
2C0000h–2C7FFFh
SA127
32 Kwords
3C0000h–3C7FFFh
SA96
32 Kwords
2C8000h–2CFFFFh
SA128
32 Kwords
3C8000h–3CFFFFh
SA97
32 Kwords
2D0000h–2D7FFFh
SA129
32 Kwords
3D0000h–3D7FFFh
SA98
32 Kwords
2D8000h–2DFFFFh
SA130
32 Kwords
3D8000h–3DFFFFh
SA99
32 Kwords
2E0000h–2E7FFFh
SA131
32 Kwords
3E0000h–3E7FFFh
SA100
32 Kwords
2E8000h–2EFFFFh
SA132
32 Kwords
3E8000h–3EFFFFh
SA101
32 Kwords
2F0000h–2F7FFFh
SA133
32 Kwords
3F0000h–3F7FFFh
SA102
32 Kwords
2F8000h–2FFFFFh
SA134
32 Kwords
3F8000h–3FFFFFh
Table 12.
Am29BDS128H Sector Address Table (Continued)
Bank
Sector
Sector Size
(x16) Address Range
Bank
Sector
Sector Size
(x16) Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com