Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F002BB-90PI Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29F002BB-90PI
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BB-90PI Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F002BB-90PI Datasheet HTML 8Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 9Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 10Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 11Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 12Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 13Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 14Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 15Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
10
Am29F002B/Am29F002NB
21527D5 November 1, 2006
D A TA
SH EE T
Table 3.
Am29F002B/Am29F002NB Bottom Boot Block Sector Address Table
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID on address pin A9. Address pins A6,
A1, and A0 must be as shown in Autoselect Codes
(High Voltage Method) table. In addition, when verifying
sector protection, the sector address must appear on
the appropriate highest order address bits. Refer to the
corresponding Sector Address Tables. The Command
Definitions table shows the remaining address bits that
are don’t care. When all necessary bits have been set
as required, the programming equipment may then
read the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in the Command Defini-
tions table. This method does not require VID. See
“Command Definitions” for details on using the autose-
lect mode.
Table 4.
Am29F002B/Am29F002NB Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors.
Sector
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
0
X
16
00000h–03FFFh
SA1
0
0
0
1
0
8
04000h–05FFFh
SA2
0
0
0
1
1
8
06000h–07FFFh
SA3
0
0
1
X
X
32
08000h–0FFFFh
SA4
0
1
X
X
X
64
10000h–1FFFFh
SA5
1
0
X
X
X
64
20000h–2FFFFh
SA6
1
1
X
X
X
64
30000h–3FFFFh
Description
CE#
OE#
WE#
A17
to
A13
A12
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
01h
Device ID:
Am29F002B/Am29F002NB
(Top Boot Block)
LL
H
XX
VID
XLX
L
H
B0h
LL
H
Device ID:
Am29F002B/Am29F002NB
(Bottom Boot Block)
LL
H
XX
VID
X
L
X
L
H
34h
LL
H
Sector Protection Verification
L
L
H
SA
X
VID
XLX
H
L
01h
(protected)
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com