Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F002BB-90PI Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F002BB-90PI
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BB-90PI Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F002BB-90PI Datasheet HTML 1Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 2Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 3Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 4Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 5Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 6Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 7Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 8Page - Advanced Micro Devices AM29F002BB-90PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
November 1, 2006 21527D5
Am29F002B/Am29F002NB
3
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Am29F002B/Am29F002NB Device Bus Operations . . . . . .8
Requirements for Reading Array Data . . . . . . . . . . . . . . . . . . 8
Writing Commands/Command Sequences . . . . . . . . . . . . . . . 8
Program and Erase Operation Status . . . . . . . . . . . . . . . . . . . 8
Standby Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
RESET#: Hardware Reset Pin . . . . . . . . . . . . . . . . . . . . . . . . 9
Output Disable Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 2. Am29F002B/Am29F002NB Top Boot Block Sector
Address Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Table 3. Am29F002B/Am29F002NB Bottom Boot Block Sector
Address Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
Autoselect Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 4. Am29F002B/Am29F002NB Autoselect Codes (High
Voltage Method) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
Sector Protection/Unprotection . . . . . . . . . . . . . . . . . . . . . . . 10
Temporary Sector Unprotect . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 1. Temporary Sector Unprotect Operation . . . . . . . . . . . . . .11
Hardware Data Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Low VCC Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Write Pulse “Glitch” Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Logical Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Power-Up Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 12
Reading Array Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Reset Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Autoselect Command Sequence . . . . . . . . . . . . . . . . . . . . . . 12
Byte Program Command Sequence . . . . . . . . . . . . . . . . . . . 12
Figure 2. Program Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
Chip Erase Command Sequence . . . . . . . . . . . . . . . . . . . . . 13
Sector Erase Command Sequence . . . . . . . . . . . . . . . . . . . . 13
Figure 3. Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Erase Suspend/Erase Resume Commands . . . . . . . . . . . . . 15
Command Definitions ............................................................. 16
Table 5. Am29F002B/Am29F002NB Command Definitions . . . . . .16
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 17
DQ7: Data# Polling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 4. Data# Polling Algorithm . . . . . . . . . . . . . . . . . . . . . . . . . .17
DQ6: Toggle Bit I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
DQ2: Toggle Bit II . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Reading Toggle Bits DQ6/DQ2 . . . . . . . . . . . . . . . . . . . . . . . 18
DQ5: Exceeded Timing Limits . . . . . . . . . . . . . . . . . . . . . . . . 18
DQ3: Sector Erase Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5. Toggle Bit Algorithm . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 6. Write Operation Status . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 21
Figure 6. Maximum Negative Overshoot Waveform . . . . . . . . . . . 21
Figure 7. Maximum Positive Overshoot Waveform . . . . . . . . . . . . 21
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . 21
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 22
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 8. Test Setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 7. Test Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Key to Switching Waveforms . . . . . . . . . . . . . . . 24
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 9. Read Operations Timings . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 10. RESET# Timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 11. Program Operation Timings . . . . . . . . . . . . . . . . . . . . . 28
Figure 12. Chip/Sector Erase Operation Timings . . . . . . . . . . . . . 29
Figure 13. Data# Polling Timings (During Embedded Algorithms) . 30
Figure 14. Toggle Bit Timings (During Embedded Algorithms) . . . 30
Figure 15. DQ2 vs. DQ6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 16. Temporary Sector Unprotect Timing Diagram
(Am29F002B only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 17. Alternate CE# Controlled Write Operation Timings . . . 33
Erase and Programming Performance . . . . . . . 34
Latchup Characteristics . . . . . . . . . . . . . . . . . . . 34
TSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . 34
PLCC and PDIP Pin Capacitance . . . . . . . . . . . . 35
Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 36
PD 032—32-Pin Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . 36
PL 032—32-Pin Plastic Leaded Chip Carrier . . . . . . . . . . . . 37
TS 032—32-Pin Standard Thin Small Package . . . . . . . . . . 38
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 39
Revision A (July 1998) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Revision B (January 1999) . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Revision C (November 12, 1999) . . . . . . . . . . . . . . . . . . . . . 39
Revision D (November 28, 2000) . . . . . . . . . . . . . . . . . . . . . 39
Revision D +1 (November 5, 2004) . . . . . . . . . . . . . . . . . . . . 39
Revision D +2 (August 3, 2005) . . . . . . . . . . . . . . . . . . . . . . . 39
Revision D3 (December 13, 2005) . . . . . . . . . . . . . . . . . . . . 39
Revision D4 (May 17, 2006) . . . . . . . . . . . . . . . . . . . . . . . . . 39
Revision D5 (November 1, 2006) . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com