Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C500DL Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6373C500DL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C500DL Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6373C500DL Datasheet HTML 10Page - Torex Semiconductor XC6373C500DL Datasheet HTML 11Page - Torex Semiconductor XC6373C500DL Datasheet HTML 12Page - Torex Semiconductor XC6373C500DL Datasheet HTML 13Page - Torex Semiconductor XC6373C500DL Datasheet HTML 14Page - Torex Semiconductor XC6373C500DL Datasheet HTML 15Page - Torex Semiconductor XC6373C500DL Datasheet HTML 16Page - Torex Semiconductor XC6373C500DL Datasheet HTML 17Page - Torex Semiconductor XC6373C500DL Datasheet HTML 18Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
594
XC6371/6372/6373 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
0.1
1
1 0
100
1000
L=100μH(CR54),CL=47μF(Tantalum)
Output Current:IOUT(mA)
XC6371A301PR
3.10
3.05
3.00
2.95
2.90
2.7V
1.8V
1.5V
1.2V
VIN=1.0V
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
XC6372A501PR
3.0V
Output Current:IOUT (mA)
L=100μH(CR54),CL=47μF(Tantalum)
1.5V
2.0V
4.0V
1.2V
VIN=0.9V
2.90
2.95
3.00
3.05
3.10
0.1
1
10
100
1000
XC6372A301PR
Output Current:IOUT (mA)
VIN=0.9V
1.5V
2.7V
1.2V
1.8V
L=100μH(CR54),CL=47μF(Tantalum)
2.90
2.95
3.00
3.05
3.10
0.1
1
10
100
1000
XC6373A300PR
L=100μH(CR54),C
L
=47μF(タンタル)
1.5V
1.2V
1.8V
2.7V
VIN=0.9V
Output Current: IOUT(mA)
L=100μH(CR54), CL=47μF(Tantalum)
0.1
1
10
100
1000
L=100μH(CR54),CL=47μF(Tantalum)
Output Current:IOUT(mA)
XC6371A501PR
5.2
5.1
5.0
4.9
4.8
4.0V
3.0V
2.0V
1.5V
1.2V
VIN=0.9V
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com