Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C500DL Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6373C500DL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C500DL Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6373C500DL Datasheet HTML 9Page - Torex Semiconductor XC6373C500DL Datasheet HTML 10Page - Torex Semiconductor XC6373C500DL Datasheet HTML 11Page - Torex Semiconductor XC6373C500DL Datasheet HTML 12Page - Torex Semiconductor XC6373C500DL Datasheet HTML 13Page - Torex Semiconductor XC6373C500DL Datasheet HTML 14Page - Torex Semiconductor XC6373C500DL Datasheet HTML 15Page - Torex Semiconductor XC6373C500DL Datasheet HTML 16Page - Torex Semiconductor XC6373C500DL Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
593
XC6371/6372/6373
Series
■
TYPICAL APPRICATION CIRCUITS
Circuit 1: XC6372A series
Circuit 3: XC6372E series
Circuit 2: XC6372C series
L : 100μH (CR54, SUMIDA)
L : 100μH (CR54, SUMIDA)
L : 100μH (CR54, SUMIDA)
L : 100μH (CR54, SUMIDA)
SD : MA2Q735 (Schottky Diode; MATUSHITA)
CL : 16V47μF (Tantalum Capacitor, NICHICHEMI MCE)
SD : MA2Q735 (Schottky Diode; MATUSHITA)
CL : 16V 47μF (Tantalum Capacitor, NICHICHEMI MCE)
SD : MA2Q735 (Schottky Diode; MATUSHITA)
CL : 16V 47μF (Tantalum Capacitor; NICHICHEMI MCE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com