Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C700PL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6373C700PL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C700PL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6373C700PL Datasheet HTML 1Page - Torex Semiconductor XC6373C700PL Datasheet HTML 2Page - Torex Semiconductor XC6373C700PL Datasheet HTML 3Page - Torex Semiconductor XC6373C700PL Datasheet HTML 4Page - Torex Semiconductor XC6373C700PL Datasheet HTML 5Page - Torex Semiconductor XC6373C700PL Datasheet HTML 6Page - Torex Semiconductor XC6373C700PL Datasheet HTML 7Page - Torex Semiconductor XC6373C700PL Datasheet HTML 8Page - Torex Semiconductor XC6373C700PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
582
XC6371/6372/6373 Series
PIN NUMBER
SOT-89
USP-6B
PIN NAME
FUNCTION
1
6
VSS
Ground
2
1
VOUT
Output Voltage Monitor/IC Internal Power Supply
3
4
Lx
Switch
-
2, 3, 5
NC
No Connection
PIN NUMBER
SOT-89-5
USP-6B
PIN NAME
FUNCTION
5
6
VSS
Ground
2
1
VOUT
Output Voltage Monitor/IC Internal Power Supply
4
4
Lx
Switch
3
3
CE
Chip Enable
1
2, 5
NC
No Connection
PIN NUMBER
SOT-89-5
USP-6B
PIN NAME
FUNCTION
5
6
VSS
Ground
2
1
VDD
IC Internal Power Supply
4
4
Lx
Switch
3
3
VOUT
Output Voltage Monitor
1
2, 5
NC
No Connection
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
XC6371/72/73A
XC6371/72/73C
XC6371/72/73E
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release. If the pad needs
to be connected to other pins, it should be
connected to the pin No.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com