Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C700PL Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6373C700PL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C700PL Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6373C700PL Datasheet HTML 8Page - Torex Semiconductor XC6373C700PL Datasheet HTML 9Page - Torex Semiconductor XC6373C700PL Datasheet HTML 10Page - Torex Semiconductor XC6373C700PL Datasheet HTML 11Page - Torex Semiconductor XC6373C700PL Datasheet HTML 12Page - Torex Semiconductor XC6373C700PL Datasheet HTML 13Page - Torex Semiconductor XC6373C700PL Datasheet HTML 14Page - Torex Semiconductor XC6373C700PL Datasheet HTML 15Page - Torex Semiconductor XC6373C700PL Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
592
XC6371/6372/6373 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
2.925
3.000
3.075
V
Maximum Input Voltage
VIN
10
-
-
V
Operation Start Voltage
VST1
External Components Connected,
IOUT=1mA
-
-
0.90
V
Oscillation Start Voltage
VST2
No external components,
Apply voltage to VOUT, LX :10kΩpull-up to 5V
-
-
0.80
V
Supply Current 1
IDD1
Same as VST2.
Apply output voltage×0.95 to VOUT
-
13.1
21.9
μ
A
Supply Current 2
IDD2
Same as VST2,
Apply output voltage×1.1 to VOUT
-
3.9
7.9
μ
A
Lx Switch-On Resistance
RSWON
Same as IDD1, VLX=0.4V
-
3.4
5.7
Ω
Lx Leak Current
ILXL
No external components,
VOUT =VLX=10V
-
-
1.0
μ
A
Oscillation Frequency
FOSC
Same as IDD1, Measuring of Lx waveform
24
30
36
kHZ
Maximum Duty Ratio
MAXDTY
Same as IDD1, Measuring of Lx waveform
80
87
92
%
Efficiency
EFFI
-
77
-
%
Slow-Start Time
TSS
4.0
10.0
20.0
mS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
3.128
3.300
3.383
V
Maximum Input Voltage
VIN
10
-
-
V
Operation Start Voltage
VST1
External Components Connected, IOUT=1mA
-
-
0.90
V
Oscillation Start Voltage
VST2
No external components,
Apply voltage to VOUT, LX :10kΩpull-up to 5V
-
-
0.80
V
Supply Current 1
IDD1
Same as VST2,
Apply output voltage×0.95 to VOUT
-
14.1
23.5
μ
A
Supply Current 2
IDD2
Same as VST2,
Apply output voltage×1.1 to VOUT
-
4.0
8.1
μ
A
Lx Switch-On
Resistance
RSWON
Same as IDD1. VLX=0.4V
-
3.4
5.7
Ω
Lx Leak Current
ILXL
No external components,
VOUT =VLX=10V
-
-
1.0
μ
A
Oscillation Frequency
FOSC
Same as IDD1,
Measuring of Lx waveform
24
30
36
kHZ
Maximum Duty Ratio
MAXDTY
Same as IDD1,
Measuring of Lx waveform
80
87
92
%
Efficiency
EFFI
-
77
-
%
Slow-Start Time
TSS
4.0
10.0
20.0
mS
■
ELECTRICAL CHARACTERISTICS (Continued)
XC6373A300PR
VOUT=3.0V, FOSC=30kHz
Ta=25℃
NOTE: Unless otherwise stated, VIN=VOUT×0.6, IOUT=15mA. See Typical Application Circuits, Circuit 1.
XC6373A330PR
VOUT=3.3V, FOSC=30kHz
Ta=25℃
NOTE: Unless otherwise stated, VIN=VOUT×0.6, IOUT=16.5mA. See Typical Application Circuits, Circuit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com