Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12013P Datasheet(PDF) 13 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc MC12013P Datasheet HTML 11Page - Motorola, Inc MC12013P Datasheet HTML 12Page - Motorola, Inc MC12013P Datasheet HTML 13Page - Motorola, Inc MC12013P Datasheet HTML 14Page - Motorola, Inc MC12013P Datasheet HTML 15Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Enable = 1
Enable = 0
13
12
11
10
9
15
5
4
+
–
C
E5
E4
E3
E2
E1
Q4
Q4
2
3
7
MECL
to
MTTL
Trans–
lator
Figure 8. Divide By 10/11 (MC12013)
APPLICATIONS INFORMATION
The primary application of these devices is as a
high–speed variable modulus prescaler in the divide by N
section of a phase–locked loop synthesizer used as the
local oscillator of two–way radios.
Proper VHF termination techniques should be followed
when the clock is separated from the prescaler by any
appreciable distance.
In their basic form, these devices will divide by 5/6, 8/9,
or 10/11. Division by 5, 8, or 10 occurs when any one or all
of the five gate inputs E1 through E5 are high. Division by
6, 9, or 11 occurs when all inputs E1 through E5 are low.
(Unconnected MTTL inputs are normally high, uncon-
nected MECL inputs are normally low). With the addition
of extra parts, many different division configurations may
be obtained (20/21, 40/41, 50/51, 100/101, etc.) A few of
the many configurations are shown below, only for the
MC12013.
MC12009 MC12011 MC12013
13
MOTOROLA RF/IF DEVICE DATA
Q1
Q2
Q3
Q4
1
1
1
1
0
1
1
1
0
0
1
1
0
0
0
1
1
0
0
1
1
1
0
1
0
1
1
0
0
0
1
0
0
0
0
0
1
0
0
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com