Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12013P Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc MC12013P Datasheet HTML 11Page - Motorola, Inc MC12013P Datasheet HTML 12Page - Motorola, Inc MC12013P Datasheet HTML 13Page - Motorola, Inc MC12013P Datasheet HTML 14Page - Motorola, Inc MC12013P Datasheet HTML 15Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC12009 MC12011 MC12013
11
MOTOROLA RF/IF DEVICE DATA
Figure 6. Maximum Frequency Test Circuit
1 k
Sine Wave
Input
(To Scope)
Vin
VEE
0.1
µF
0.1
µF
0.1
µF
0.1
µF
5.0
µF
13
12
11
10
9
15
14
VEE = –3.0 V
8
VBB
C
E5
E4
E3
E2
E1
116
VCC = +2.0 V
Vout
to
Scope
2
3
Q
Q
Unused output connected to a 50
Ω resistor to ground
DIVIDE BY 6
800 mV
Clock
Input
Q (Pin 2)
3 Cycles
3 Cycles
850 mV typ
DIVIDE BY 9
800 mV
850 mV typ
5 Cycles
4 Cycles
DIVIDE BY 11
800 mV
850 mV typ
5 Cycles
6 Cycles
Clock
Input
Q (Pin 2)
Clock
Input
Q (Pin 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com