Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1110-RTY1 Datasheet(PDF) 97 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 97 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 93Page - Texas Instruments CC1110-RTY1 Datasheet HTML 94Page - Texas Instruments CC1110-RTY1 Datasheet HTML 95Page - Texas Instruments CC1110-RTY1 Datasheet HTML 96Page - Texas Instruments CC1110-RTY1 Datasheet HTML 97Page - Texas Instruments CC1110-RTY1 Datasheet HTML 98Page - Texas Instruments CC1110-RTY1 Datasheet HTML 99Page - Texas Instruments CC1110-RTY1 Datasheet HTML 100Page - Texas Instruments CC1110-RTY1 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 97 of 202
TIMIF.OVFIM. If there are other pending
interrupts, the corresponding interrupt flag
must be cleared by software before a new
interrupt request is generated. Also, enabling
an interrupt mask bit will generate a new
interrupt request if the corresponding interrupt
flag is set.
13.3.10 Timer 1 DMA Triggers
There are three DMA triggers associated with
Timer 1. These are DMA triggers T1_CH0,
T1_CH1 and T1_CH2 which are generated on
timer compare events as follows:
•
T1_CH0 – channel 0 compare
•
T1_CH1 – channel 1 compare
•
T1_CH2 – channel 2 compare
See Table 37 for a list of all DMA triggers.
13.3.11 Timer 1 Registers
This section describes the Timer 1 registers
that consist of the following registers:
•
T1CNTH – Timer 1 Count High
•
T1CNTL – Timer 1 Count Low
•
T1CTL – Timer 1 Control and Status
•
T1CCTLx
–
Timer
1
Channel
x
Capture/Compare Control
•
T1CCxH
–
Timer
1
Channel
x
Capture/Compare Value High
•
T1CCxL
–
Timer
1
Channel
x
Capture/Compare Value Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com