Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1110-RTY1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 2Page - Texas Instruments CC1110-RTY1 Datasheet HTML 3Page - Texas Instruments CC1110-RTY1 Datasheet HTML 4Page - Texas Instruments CC1110-RTY1 Datasheet HTML 5Page - Texas Instruments CC1110-RTY1 Datasheet HTML 6Page - Texas Instruments CC1110-RTY1 Datasheet HTML 7Page - Texas Instruments CC1110-RTY1 Datasheet HTML 8Page - Texas Instruments CC1110-RTY1 Datasheet HTML 9Page - Texas Instruments CC1110-RTY1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 6 of 202
1
Abbreviations
2-FSK
Binary Frequency Shift Keying
AC
Alternating Current
ADC
Analog to Digital Converter
AES
Advanced Encryption Standard
AFC
Automatic Frequency Offset
Compensation
AGC
Automatic Gain Control
AMR
Automatic Meter Reading
ARIB
Association of Radio Industries and
Businesses
ASK
Amplitude Shift Keying
Balun
Balanced to unbalanced
BCD
Binary Coded Decimal
BER
Bit Error Rate
CBC
Cipher Block Chaining
CBC-MAC
Cipher Block Chaining Message
Authentication Code
CCA
Clear Channel Assessment
CCM
Counter mode + CBC-MAC
CFB
Cipher Feedback
CFR
Code of Federal Regulations
CLK
Clock
CMOS
Complementary Metal Oxide
Semiconductor
CPU
Central Processing Unit
CRC
Cyclic Redundancy Check
CS
Carrier Sense
CTR
Counter mode (encryption)
CW
Continuous Wave
DAC
Digital to Analogue Converter
DC
Direct Current
DMA
Direct Memory Access
DNL
Differential Non-Linearity
DSM
Delta Sigma Modulator
ECB
Electronic Code Book
EM
Evaluation Module
ENOB
Effective Number Of Bits
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
ETSI
European Telecommunications
Standards Institute
FCC
Federal Communications Commission
FEC
Forward Error Correction
FIFO
First In First Out
GFSK
Gaussian Frequency Shift Keying
HSSD
High Speed Serial Debug
I/O
Input / Output
I/Q
In-phase / Quadrature-phase
IDE
Integrated Development Environment
IF
Intermediate Frequency
INL
Integral Non-Linearity
IOC
I/O Controller
IRQ
Interrupt Request
ISM
Industrial, Scientific and Medical
ITU-T
International Telecommunication Union
– Telecommunication Standardization
Sector
IV
Initialization Vector
JEDEC
Joint Electron Devices Engineering
Council
KB
1024 bytes
kbps
kilo bits per second
LC
Inductor Capacitor
LFSR
Linear Feedback Shift Register
LNA
Low-Noise Amplifier
LO
Local Oscillator
LQI
Link Quality Indication
LSB
Least Significant Bit / Byte
MAC
Message Authentication Code
MAC
Medium Access Control
MCU
Micro Controller Unit
MISO
Master In Slave Out
MODEM
Modulator Demodulator
MOSI
Master Out Slave In
MSB
Most Significant Byte
MSK
Minimum Shift Keying
MUX
Multiplexer
NA
Not Available
NC
Not Connected
OFB
Output Feedback (encryption)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com