Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021D Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT45DB021D Datasheet HTML 44Page - ATMEL Corporation AT45DB021D Datasheet HTML 45Page - ATMEL Corporation AT45DB021D Datasheet HTML 46Page - ATMEL Corporation AT45DB021D Datasheet HTML 47Page - ATMEL Corporation AT45DB021D Datasheet HTML 48Page - ATMEL Corporation AT45DB021D Datasheet HTML 49Page - ATMEL Corporation AT45DB021D Datasheet HTML 50Page - ATMEL Corporation AT45DB021D Datasheet HTML 51Page - ATMEL Corporation AT45DB021D Datasheet HTML 52Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
27.2
8S1 – JEDEC SOIC
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
Note:
3/17/05
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
C
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
–
0.25
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
Ø
Ø
E
E
1
1
N
N
TOP VIEW
C
C
E1
E1
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com