Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021D Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB021D Datasheet HTML 3Page - ATMEL Corporation AT45DB021D Datasheet HTML 4Page - ATMEL Corporation AT45DB021D Datasheet HTML 5Page - ATMEL Corporation AT45DB021D Datasheet HTML 6Page - ATMEL Corporation AT45DB021D Datasheet HTML 7Page - ATMEL Corporation AT45DB021D Datasheet HTML 8Page - ATMEL Corporation AT45DB021D Datasheet HTML 9Page - ATMEL Corporation AT45DB021D Datasheet HTML 10Page - ATMEL Corporation AT45DB021D Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
reached, the device will continue reading back at the beginning of the same page. A low-to-high
transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Main Memory Page Read is defined by the f
SCK
specification. The Main Memory Page Read bypasses the data buffer and leaves the contents of
the buffer unchanged.
6.5
Buffer Read
The SRAM data buffer can be accessed independently from the main memory array, and utiliz-
ing the Buffer Read Command allows data to be sequentially read directly from the buffer. Two
opcodes, D4H or D1H, can be used for the Buffer Read Command. The use of each opcode
depends on the maximum SCK frequency that will be used to read data from the buffer. The
D4H opcode can be used at any SCK frequency up to the maximum specified by f
CAR1. The D1H
opcode can be used for lower frequency read operations up to the maximum specified by f
CAR2.
To perform a buffer read from the DataFlash standard buffer (264 bytes), the opcode must be
clocked into the device followed by three address bytes comprised of 15 don’t care bits and
9 buffer address bits (BFA8 - BFA0). To perform a buffer read from the binary buffer (256 bytes),
the opcode must be clocked into the device followed by three address bytes comprised of
16 don’t care bits and 8 buffer address bits (BFA7 - BFA0). Following the address bytes, one
don’t care byte must be clocked in to initialize the read operation. The CS pin must remain low
during the loading of the opcode, the address bytes, the don’t care bytes, and the reading of
data. When the end of a buffer is reached, the device will continue reading back at the beginning
of the buffer. A low-to-high transition on the CS pin will terminate the read operation and tri-state
the output pin (SO).
7.
Program and Erase Commands
7.1
Buffer Write
Data can be clocked in from the input pin (SI) into the buffer. To load data into the DataFlash
standard buffer (264 bytes), a 1-byte opcode, 84H, must be clocked into the device followed by
three address bytes comprised of 15 don’t care bits and 9 buffer address bits (BFA8 - BFA0).
The 9 buffer address bits specify the first byte in the buffer to be written. To load data into the
binary buffers (256 bytes each), a 1-byte opcode, 84H, must be clocked into the device followed
by three address bytes comprised of 16 don’t care bits and 8 buffer address bits (BFA7 - BFA0).
The 8 buffer address bits specify the first byte in the buffer to be written. After the last address
byte has been clocked into the device, data can then be clocked in on subsequent clock cycles.
If the end of the data buffer is reached, the device will wrap around back to the beginning of the
buffer. Data will continue to be loaded into the buffer until a low-to-high transition is detected on
the CS pin.
7.2
Buffer to Main Memory Page Program with Built-in Erase
Data written into the buffer can be programmed into the main memory. A 1-byte opcode, 83H,
must be clocked into the device. For the DataFlash standard page size (264 bytes), the opcode
must be followed by three address bytes consist of 5 don’t care bits, 10 page address bits
(PA9 - PA0) that specify the page in the main memory to be written and 9 don’t care bits. To per-
form a buffer to main memory page program with built-in erase for the binary page size (256
bytes), the opcode 83H must be clocked into the device followed by three address bytes consist-
ing of 6 don’t care bits, 10 page address bits (A17 - A8) that specify the page in the main
memory to be written and 8 don’t care bits. When a low-to-high transition occurs on the CS pin,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com