Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM68 Datasheet(PDF) 8 Page - Texas Instruments

Part # AM68
Description  AM68x Processors, Silicon Revision 1.0
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM68 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM68 Datasheet HTML 4Page - Texas Instruments AM68 Datasheet HTML 5Page - Texas Instruments AM68 Datasheet HTML 6Page - Texas Instruments AM68 Datasheet HTML 7Page - Texas Instruments AM68 Datasheet HTML 8Page - Texas Instruments AM68 Datasheet HTML 9Page - Texas Instruments AM68 Datasheet HTML 10Page - Texas Instruments AM68 Datasheet HTML 11Page - Texas Instruments AM68 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 253 page
background image
6 Terminal Configuration and Functions
6.1 Pin Diagrams
See Packaging Information.
6.2 Pin Attributes
1. BALL NUMBER: Ball numbers on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the
signal name in muxmode 0).
4. MUXMODE: Multiplexing mode number.
5. TYPE: Signal type and direction:
• I = Input
• O = Output
• OD = Open drain terminal - Output
• IO = Input or Output
• IOD = Open drain terminal - Input or Output
• IOZ = Input, Output or Three-state terminal
• OZ = Output or Three-state terminal
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor.
6. I/O VOLTAGE VALUE: This column describes the IO voltage value (the corresponding power supply).
An empty box means Not Applicable.
7. BALL STATE DURING RESET:This column describes the state of the transmit buffer, receive buffer, and
internal pull during reset.
8. BALL STATE AFTER RESET:This column describes the state of the transmit buffer, receive buffer, and
internal pull after reset.
9. MUX MODE AFTER RESET:The active multiplexing mode after reset.
10. PULL TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors
can be enabled or disabled via software.
11. POWER: The voltage supply that powers the terminal IO buffers.
An empty box means Not Applicable.
12. HYS: Indicates if the input buffer has hysteresis:
• Yes: With hysteresis
• No: Without hysteresis
An empty box means No.
13. VOLTAGE BUFFER TYPE: This column describes the associated output buffer type.
An empty box means Not Applicable.
14. IO RET:Yes means WKUP and IO retention supported.
15. PADCFG NAME:Name of the pad configuration register.
16. PADCFG ADDRESSAddress of the pad configuration register.
AM68A, AM68
SPRSP91A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A AM68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com