Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM68 Datasheet (PDF) - Texas Instruments

AM68 Datasheet PDF - Texas Instruments
Part # AM68
Download  AM68 Download
File Size   5110.99 Kbytes
Page   253 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM68x Processors, Silicon Revision 1.0

AM68 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM68 Datasheet PDF - Texas Instruments

Part # AM68
Download  AM68 Click to download

File Size   5110.99 Kbytes
Page   253 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM68x Processors, Silicon Revision 1.0

AM68 Datasheet (HTML) - Texas Instruments


AM68 Product details

1 Features
Processor cores:
• Up to dual 64-bit Arm® Cortex®-A72
microprocessor subsystem at up to 2 GHz
– 1MB shared L2 cache per dual-core Cortex®-
A72 cluster
– 32KB L1 D-Cache and 48KB L1 I-Cache per
Cortex®-A72 core
• Deep Learning Accelerator:
– Up to 8 Trillion Operations Per Second (TOPS)
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators
• Dual-core Arm® Cortex®-R5F MCUs at up to 1.0
GHz in General Compute partition with FFI
– 16KB L1 D-Cache, 16KB L1 I-Cache, and 64KB
L2 TCM
• Dual-core Arm® Cortex®-R5F MCUs at up to 1.0
GHz to support Device Management
– 32K L1 D-Cache, 32K I-Cache, and 64K L2
TCM with SECDED ECC on all memories
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators
– 480 MPixel/s ISP
– Support for up to 16-bit input RAW format
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
– Output color format : 8-bits, 12-bits, and YUV
4:2:2, YUV 4:2:0, RGB, HSV/HSL
Multimedia:
• Display subsystem supports:
– Up to 4 displays
– Up to two DSI 4L TX (up to 2.5K)
– One eDP 4L
– One DPI 24-bit RGB parallel interface
– OLDI/LVDS (4 lanes - 2x) and 24-bit RGB
parallel interface
– Safety features such as freeze frame detection
and MISR data check
• 3D Graphics Processing Unit
– IMG BXS-4-64, up to 800 MHz
– 50 GFLOPS, 4 GTexels/s
– >500 MTexels/s, >8 GFLOPs
– Supports at least 2 composition layers
– Supports up to 2048x1080 @60fps
– Supports ARGB32, RGB565 and YUV formats
– 2D graphics capable
– OpenGL ES 3.1, Vulkan 1.2
• Two CSI2.0 4L Camera Serial interface (CSI-Rx)
Plus CSI2.- 4L Tx (CSI-Tx) with DPHY
– MIPI CSI 1.3 Compliant + MIPI-DPHY 1.2
– Support for 1,2,3, or 4 data lane mode up to
1.5Gbps
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles
at Level 5.2
– Support for up to 4K UHD resolution (3840 ×
2160)
– 4K60 H.264/H.265 Encode/Decode (up to 480
MP/s)
Memory subsystem:
• Up to 4MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• Up to two External Memory Interface (EMIF)
modules with ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266 MT/s
– Up to two 32-bit data bus with inline ECC up to
17 GB/s per EMIF
• General-Purpose Memory Controller (GPMC)
• Up to two 512KB on-chip SRAM in MAIN domain,
protected by ECC
Device security:
• Secure boot with secure run-time support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• One PCI-Express® (PCIe) Gen3 controllers
– Up to four lanes per controller
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
• Two CSI2.0 4L RX plus Two CSI2.04L TX
• Two Ethernet RMII/RGMII interfaces
Flash memory interfaces:
• Embedded MultiMediaCard Interface (eMMC™ 5.1)
• One Secure Digital® 3.0/Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0)
• Two simultaneous flash interfaces configured as
– One OSPI or HyperBus™ or QSPI, and
– One QSPI
Technology / Package:
• 16-nm FinFET technology
• 23 mm x 23 mm, 0.8-mm pitch, 770-pin FCBGA
(ALZ)

2 Applications
• Machine Vision Camera and computers
• Smart shopping cart
• Retail automation
• Smart agriculture
• Video surveillance
• Traffic monitoring
• Autonomous Mobile Robots (AMR)
• Drone
• Industrial transport
• Industrial Human Machine Interfaces (HMI)
• Industrial PC
• Single board computers
• Patient monitoring and medical devices

3 Description
The AM68 scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted at Smart
Vision Camera and General Compute applications and built on extensive market knowledge accumulated over
a decade of TI’s leadership in the Vision processor market. The AM68x family is built for a broad set of
cost-sensitive high-performance compute applications in Factory Automation, Building Automation, and other
markets.
The AM68 provides high performance compute technology for both traditional and deep learning algorithms
at industry leading power/performance ratios with a high level of system integration to enable scalability and
lower costs for advanced vision camera applications. Key cores include the latest Arm and GPU processors for
general compute, next generation DSP with scalar and vector cores, dedicated deep learning and traditional
algorithm accelerators, an integrated next generation imaging subsystem (ISP), video codec, and isolated MCU
island. All protected by industrial-grade safety and security hardware accelerators.
General Compute Cores and Integration Overview: Separate dual core cluster configuration of Arm®
Cortex®-A72 facilitates multi-OS applications with minimal need for a software hypervisor. Up to two Arm®
Cortex®-R5F subsystems enable low-level, timing critical processing tasks to leave the Arm® Cortex®-A72
core’s unencumbered for applications. Building on the existing world-class ISP, TI’s 7th generation ISP includes
flexibility to process a broader sensor suite, support for higher bit depth, and features targeting analytics
applications. Integrated diagnostics and safety features support operations up to SIL-2 levels while the
integrated security features protect data against modern day attacks. CSI2.0 ports enable multi sensor inputs.
Key Performance Cores Overview: The C7000™ DSP next generation core (“C7x”) combines TI’s industry
leading DSP and EVE cores into a single higher performance core and adds floating-point vector calculation
capabilities, enabling backward compatibility for legacy code while simplifying software programming. The new
“MMA” deep learning accelerator enables performance up to 8 Trillion Operations Per Second (TOPS) within
the lowest power envelope in the industry even when operating even at the worst case junction temperatures
of 105°C and 125°C. The dedicated Vision hardware accelerators provide vision pre-processing with no impact
on system performance. The C7x/MMA cores are available only for deep learning function in the AM68 class of
processors.




Similar Part No. - AM68

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM6802 AITSEMI-AM6802 Datasheet
621Kb / 9P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM6802E6R AITSEMI-AM6802E6R Datasheet
621Kb / 9P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM6802E6VR AITSEMI-AM6802E6VR Datasheet
621Kb / 9P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Texas Instruments
AM68A TI-AM68A Datasheet
4Mb / 251P
AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
More results


Similar Description - AM68

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
AM5729 TI1-AM5729 Datasheet
4Mb / 415P
Sitara Processors Silicon Revision 2.0
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
AM6548 TI1-AM6548_V01 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
TDA4VE-Q1 TI-TDA4VE-Q1 Datasheet
4Mb / 251P
TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
DECEMBER 2022
AM68A TI-AM68A Datasheet
4Mb / 251P
AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
AM69A TI-AM69A Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
AM69A TI1-AM69A_V01 Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com