Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G17-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G17-AF5-R
Description  SINGLE SCHMITT-TRIGGER BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G17-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G17-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G17
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-080,A
STATIC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VCC= 0~5.5V, VIN=VCC or GND
±5
µA
Power OFF Leakage
Current
IOFF
VCC= 0V, VIN or VCC=5.5V
±10
µA
Quiescent Supply
Current
IQ
VCC= 1.65V~5.5V, VIN=VCC or GND IOUT=0
10
µA
Additional Quiescent
Supply Current
∆IQ
VCC= 3V~5.5V, One input at VCC-0.6V, other
inputs at VCC or GND
500
µA
Input Capacitance
CIN
VCC= 3.3V, VIN=VCC or GND
4.5
pF
DYNAMIC CHARACTERISTICS
CL=15 pF
CL=30 or 50 pF
PARAMETER
SYMBOL
VCC(V)
MIN
MAX
MIN
MAX
UNIT
1.8±0.15
2.8
9.9
3.8
11
2.5±0.2
1.6
5.5
2
6.5
3.3±0.3
1.5
4.6
1.8
5.5
Propagation delay from input
(A or B) to output(Y)
tPLH/tPHL
5±0.5
0.9
4.4
1.2
5
ns
Operating Characteristics
PARAMETER
SYMBOL TEST CONDITIONS VCC=1.8V VCC=2.5V VCC=3.3V VCC=5V
UNIT
Power Dissipation Capacitance
Cpd
f=10MHz
20
21
22
25
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com