Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC1G17-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G17-AF5-R
Description  SINGLE SCHMITT-TRIGGER BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G17-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G17-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G17-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G17
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-080,A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Output Voltage(power-down mode)
VOUT
-0.5~6.5
V
Input Clamp Current(ViN<0)
IIK
-50
mA
Output Clamp Current(VO<0)
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
℃
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNI
T
Operating
1.65
5.5
V
Supply Voltage
VCC
Data retention only
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
85
℃
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC= 1.65V
0.76
1.16
VCC= 2.3V
1.08
1.56
VCC= 3.0V
1.48
1.92
VCC= 4.5V
2.16
2.74
Positive-going Input
Threshold Voltage
VT+
VCC= 5.5V
2.61
3.33
V
VCC= 1.65V
0.35
0.62
VCC= 2.3V
0.56
0.88
VCC= 3.0V
0.84
1.2
VCC= 4.5V
1.41
1.97
Negative-going Input
Threshold Voltage
VT-
VCC= 5.5V
1.87
2.4
VCC= 1.65V
0.36
0.64
VCC= 2.3V
0.45
0.78
VCC= 3.0V
0.51
0.87
VCC= 4.5V
0.58
1.04
HysteresisVoltage
(VT+-VT-)
△
VT
VCC= 5.5V
0.69
1.11
V
VCC= 1.65V~4.5V, IOH=-100µA
VCC-0.1
VCC= 1.65V, IOH=-4mA
1.2
VCC= 2.3V, IOH=-8mA
1.9
VCC= 3.0V, IOH=-16mA
2.4
VCC= 3.0V, IOH=-24mA
2.3
High-Level Output
Voltage
VOH
VCC= 4.5V, IOH=-32mA
3.8
V
VCC= 1.65V~4.5V, IOL=100µA
0.1
VCC= 1.65V, IOL=4mA
0.45
VCC= 2.3V, IOL=8mA
0.3
VCC= 3.0V, IOL=16mA
0.4
VCC= 3.0V, IOL=24mA
0.55
Low-Level Output
Voltage
VOL
VCC= 4.5V, IOL=32mA
0.55
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com