Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51412 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS51412
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51412 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS51412 Datasheet HTML 12Page - ON Semiconductor CS51412 Datasheet HTML 13Page - ON Semiconductor CS51412 Datasheet HTML 14Page - ON Semiconductor CS51412 Datasheet HTML 15Page - ON Semiconductor CS51412 Datasheet HTML 16Page - ON Semiconductor CS51412 Datasheet HTML 17Page - ON Semiconductor CS51412 Datasheet HTML 18Page - ON Semiconductor CS51412 Datasheet HTML 19Page - ON Semiconductor CS51412 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
17
Figure 24. Additional Application Diagram, 5.0 V − 12 V to −5.0 V/400 mA Inverting Converter
VFB
VSW
2
GND
SHDNB
CS51412/4
1N4148
5.0 V
D3
15
mH
VIN
100
mF
100
mF
0.1
mF
C1
C3
R1
R2
C4
0.1
mF
Shutdown
L1
C1
12 V
D1
373
127
1
3
7
6
8
4
5
1N5821
BOOST
U1
BIAS
VC
D2 1N4148
Figure 25. Additional Application Diagram, 12 V to 5.0 V/1.0 A Buck Converter using the BIAS Pin
VFB
2
GND
SHDNB CS51411/3
−5.0 V output
D1
R2
VIN
0.01
mF
0.1
mF
22
mF
C1
C3
R1
R3
C4
0.1
mF
VSW
L1
C2
5.0 V − 12 V input
50 k
127
1
3
7
6
8
4
5
1N4148
BOOST
U1
SYNC
VC
C6
22
m
C5
0.1
mF
D2
373
15
mH
MBR0520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com