Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51412 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS51412
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51412 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS51412 Datasheet HTML 2Page - ON Semiconductor CS51412 Datasheet HTML 3Page - ON Semiconductor CS51412 Datasheet HTML 4Page - ON Semiconductor CS51412 Datasheet HTML 5Page - ON Semiconductor CS51412 Datasheet HTML 6Page - ON Semiconductor CS51412 Datasheet HTML 7Page - ON Semiconductor CS51412 Datasheet HTML 8Page - ON Semiconductor CS51412 Datasheet HTML 9Page - ON Semiconductor CS51412 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
6
VIN
BIAS
GND
VSW
BOOST
R
S
Q
1.270 V
VFB
+
−
+
−
+
−
∑
−
+
+
−
+
−
−
+
Thermal
Shutdown
Oscillator
1.46 V
1.3 V
5.0
mA
Artificial
Ramp
Output
Driver
Current
Limit
Comparator
Frequency
and Current
Limit Foldback
0.32 V
PWM
Comparator
IFOLDBACK
IREF
Shutdown
Comparator
2.9 V LDO
Voltage
Regulator
SHDNB
SYNC
VC
Error
Amplifier
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com