Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD3NB60SD Datasheet(PDF) 3 Page - STMicroelectronics

Part # GD3NB60SD
Description  N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GD3NB60SD Datasheet(HTML) 3 Page - STMicroelectronics

  GD3NB60SD Datasheet HTML 1Page - STMicroelectronics GD3NB60SD Datasheet HTML 2Page - STMicroelectronics GD3NB60SD Datasheet HTML 3Page - STMicroelectronics GD3NB60SD Datasheet HTML 4Page - STMicroelectronics GD3NB60SD Datasheet HTML 5Page - STMicroelectronics GD3NB60SD Datasheet HTML 6Page - STMicroelectronics GD3NB60SD Datasheet HTML 7Page - STMicroelectronics GD3NB60SD Datasheet HTML 8Page - STMicroelectronics GD3NB60SD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STGD3NB60SD
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
COLLECTOR-EMITTER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by max. junction temperature.
(**) Losses also include the Tail (Jedec Standardization)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VCC =480 V, IC =3 A
RG =1KΩ ,VGE =15V
125
150
µs
µs
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC =3 A, RG=1KΩ
VGE = 15 V, Tj = 125°C
50
1100
A/µs
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
tr(Voff)
td(on)
tf
Eoff(**)
Cross-over Time
Off Voltage Rise Time
Delay Time
Fall Time
Turn-off Switching Loss
Vcc = 480 V, IC =3 A,
RGE =1KΩ ,VGE =15V
1.8
1.0
3.4
0.72
1.15
µs
µs
µs
µs
mJ
tc
tr(Voff)
td(on)
tf
Eoff(**)
Cross-over Time
Off Voltage Rise Time
Delay Time
Fall Time
Turn-off Switching Loss
Vcc = 480 V, IC =3 A,
RGE =1KΩ ,VGE =15V,
Tj = 125°C
2.8
1.45
3.6
1.2
1.8
µs
µs
µs
µs
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
If
Ifm
Forward Current
Forward Current pulsed
3
25
A
A
Vf
Forward On-Voltage
If =3A
If =1A
1.55
1.15
1.9
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If =3A ,VR = 200 V,
Tj =125°C, di/dt = 100A/
µs
1700
4500
9.5
ns
nC
A
Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com