Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD3NB60SD Datasheet(PDF) 1 Page - STMicroelectronics

Part # GD3NB60SD
Description  N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GD3NB60SD Datasheet(HTML) 1 Page - STMicroelectronics

  GD3NB60SD Datasheet HTML 1Page - STMicroelectronics GD3NB60SD Datasheet HTML 2Page - STMicroelectronics GD3NB60SD Datasheet HTML 3Page - STMicroelectronics GD3NB60SD Datasheet HTML 4Page - STMicroelectronics GD3NB60SD Datasheet HTML 5Page - STMicroelectronics GD3NB60SD Datasheet HTML 6Page - STMicroelectronics GD3NB60SD Datasheet HTML 7Page - STMicroelectronics GD3NB60SD Datasheet HTML 8Page - STMicroelectronics GD3NB60SD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2004
STGD3NB60SD
N-CHANNEL 3A - 600V - DPAK
PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE (VOLTAGE
DRIVEN)
s
VERY LOW ON-VOLTAGE DROP (Vcesat)
s
HIGH CURRENT CAPABILITY
s
INTEGRATED WHEELING DIODE
s
OFF LOSSES INCLUDE TAIL CURRENT
DESCRIPTION
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “S” identifies a family
optimized to achieve minimum on-voltage drop for
low frequency applications (<1kHz).
APPLICATIONS
s
MOTOR CONTROL
s
GAS DISCHARGE LAMP
s
STATIC RELAYS
ORDERING INFORMATION
TYPE
VCES
VCE(sat)
IC
STGD3NB60SD
600 V
< 1.5 V3 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGD3NB60SDT4
GD3NB60SD
DPAK
TAPE & REEL
DPAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - GD3NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GD3NB60HD STMICROELECTRONICS-GD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
GD3NB60K STMICROELECTRONICS-GD3NB60K Datasheet
293Kb / 11P
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
Mar-2004
More results

Similar Description - GD3NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
Jun-1999
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
Mar-2004
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH™ IGBT
Aug-2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
12-Jul-2006
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
STGD6NC60H STMICROELECTRONICS-STGD6NC60H_07 Datasheet
454Kb / 14P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
07-Feb-2007
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD_07 Datasheet
467Kb / 15P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
07-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com