Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95040-RMB3/G Datasheet(PDF) 22 Page - STMicroelectronics

Part # M95040-RMB3/G
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB3/G Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M95040-RMB3/G Datasheet HTML 18Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 19Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 20Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 21Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 22Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 23Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 24Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 25Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Instructions
M95040, M95020, M95010
22/42
6.6
Write to Memory Array (WRITE)
As shown in Figure 12, to send this instruction to the device, Chip Select (S) is first driven
Low. The bits of the instruction byte, address byte, and at least one data byte are then
shifted in, on Serial Data Input (D).
The instruction is terminated by driving Chip Select (S) High after the rising edge of Serial
Clock (C) that latches the last data bit, and before the next rising edge of Serial Clock (C)
occurs anywhere on the bus. In the case of Figure 12, this occurs after the eighth bit of the
data byte has been latched in, indicating that the instruction is being used to write a single
byte. The self-timed Write cycle starts, and continues for a period tWC (as specified in
Table 18 to Table 22), at the end of which the Write in Progress (WIP) bit is reset to 0.
If, though, Chip Select (S) continues to be driven Low, as shown in Figure 13, the next byte
of input data is shifted in. In this way, all the bytes from the given address to the end of the
same page can be programmed in a single instruction.
If Chip Select (S) still continues to be driven Low, the next byte of input data is shifted in, and
is used to overwrite the byte at the start of the current page.
The instruction is not accepted, and is not executed, under the following conditions:
if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
if a Write cycle is already in progress
if the device has not been deselected, by Chip Select (S) being driven High, at a byte
boundary (after the rising edge of Serial Clock (C) that latches the last data bit, and
before the next rising edge of Serial Clock (C) occurs anywhere on the bus)
if Write Protect (W) is Low or if the addressed page is in the region protected by the
Block Protect (BP1 and BP0) bits.
Figure 12.
Byte Write (WRITE) sequence
1.
Depending on the memory size, as shown in Table 6, the most significant address bits are Don’t Care.
AI01442D
C
D
S
Q
A7
2
1
3456789 10 11 12 13 14 15 16 17 18 19
A6 A5 A4 A3 A2 A1 A0
A8
20 21 22 23
High Impedance
Instruction
Byte Address
0
765432
0
1
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com