Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95040-RMB3/G Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95040-RMB3/G
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB3/G Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95040-RMB3/G Datasheet HTML 13Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 14Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 15Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 16Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 17Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 18Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 19Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 20Page - STMicroelectronics M95040-RMB3/G Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
M95040, M95020, M95010
Instructions
17/42
6.2
Write Disable (WRDI)
One way of resetting the Write Enable Latch (WEL) bit is to send a Write Disable instruction
to the device.
As shown in Figure 8, to send this instruction to the device, Chip Select (S) is driven Low,
and the bits of the instruction byte are shifted in, on Serial Data Input (D).
The device then enters a wait state. It waits for a the device to be deselected, by Chip Select
(S) being driven High.
The Write Enable Latch (WEL) bit, in fact, becomes reset by any of the following events:
●
Power-up
●
WRDI instruction execution
●
WRSR instruction completion
●
WRITE instruction completion
●
Write Protect (W) line being held Low.
Figure 8.
Write Disable (WRDI) sequence
C
D
AI03790D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com