Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53112-A00AGMR Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 6Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 7Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 9Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 10Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 11Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 12Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Si53112
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Table 6. Clock Periods Differential Clock Outputs with SSC Disabled
SSC ON
Center
Freq, MHz
Measurement Window
Units
1 Clock
1 µs
0.1s
0.1s
0.1s
1µs
1 Clock
-C-C Jitter
AbsPer
Min
-SSC
Short
Term AVG
Min
-ppm
Long
Term AVG
Min
0ppm
Period
Nominal
+ppm
Long
Term AVG
Max
+SSC
Short
Term AVG
Max
+C-C
Jitter
AbsPer
Max
100.00
9.94900
9.99900
10.00000
10.00100
10.05100
ns
133.33
7.44925
7.49925
7.50000
7.50075
7.55075
ns
Table 7. Clock Periods Differential Clock Outputs with SSC Enabled
SSC ON
Center
Freq, MHz
Measurement Window
Units
1 Clock
1 µs
0.1s
0.1s
0.1s
1µs
1 Clock
-C-C Jitter
AbsPer
Min
-SSC
Short
Term AVG
Min
-ppm
Long
Term AVG
Min
0ppm
Period
Nominal
+ppm
Long
Term AVG
Max
+SSC
Short
Term AVG
Max
+C-C
Jitter
AbsPer
Max
99.75
9.94900
9.99900
10.02406
10.02506
10.02607
10.05126
10.10126
ns
133.33
7.44925
7.49925
7.51805
7.51880
7.51955
7.53845
7.58845
ns
Table 8. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
3.3 V Core Supply Voltage1
VDD/VDD_A
4.6
V
3.3 V I/O Supply Voltage1
VDD_IO
4.6
V
3.3 V Input High Voltage1,2
VIH
4.6
V
3.3 V Input Low Voltage1
VIL
−0.5
V
Storage Temperature1
ts
–65
150
°C
Input ESD protection3
ESD
2000
V
Notes:
1. Consult manufacturer regarding extended operation in excess of normal dc operating parameters.
2. Maximum VIH is not to exceed maximum VDD.
3. Human body model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com