Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53112-A00AGMR Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 4Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 5Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 6Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 7Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 9Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 10Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 11Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Si53112
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Table 5. DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)1
Parameter
Symbol
CLK 100 MHz, 133 MHz
Unit
Notes
Min
Typ
Max
Clock Stabilization Time
TSTAB
1.5
1.8
ms
2
Long Term Accuracy
LACC
—100
ppm
3,4,5
Absolute Host CLK Period (100MHz)
TABS
9.94900
10.05100
ns
3,4,6
Absolute Host CLK Period (133MHz)
TABS
7.44925
7.55075
ns
3,4,6
Edge Rate
Edge_rate
1.0
4.0
V/ns
3,4,7
Rise Time Variation
∆ Trise
125
ps
3,8,9
Fall Time Variation
∆ Tfall
125
ps
3,8,9
Rise/Fall Matching
TRISE_MAT/
TFALL_MAT
—20
%
3,8,10,11
Voltage High (typ 0.7 V)
VHIGH
660
850
mV
3,8,12
Voltage Low (typ 0.7 V)
VLOW
–150
150
mV
3,8,13
Maximum Voltage
VMAX
1150
mV
8
Absolute Crossing Point Voltages
VoxABS
250
550
mV
3,8,14,15,
16
Relative Crossing Point Voltages
VoxREL
3,8,16,17
Total Variation of Vcross Over All
Edges
Total ∆
Vox
—140
mV
3,8,18
Duty Cycle
DC
45
55
%
3,4
Maximum Voltage (Overshoot)
Vovs
—VHigh + 0.3
V
3,8,19
Maximum Voltage (Undershoot)
Vuds
—VLow – 0.3
V
3,8,20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com