Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4530AL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU4530AL
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4530AL Datasheet(HTML) 3 Page - NXP Semiconductors

  BU4530AL Datasheet HTML 1Page - NXP Semiconductors BU4530AL Datasheet HTML 2Page - NXP Semiconductors BU4530AL Datasheet HTML 3Page - NXP Semiconductors BU4530AL Datasheet HTML 4Page - NXP Semiconductors BU4530AL Datasheet HTML 5Page - NXP Semiconductors BU4530AL Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4530AL
Fig.3. Switching times waveforms.
Fig.4. Switching times definitions.
Fig.5. Switching times test circuit.
Fig.6. High and low DC current gain.
Fig.7. High and low DC current gain.
Fig.8. Typical base-emitter saturation voltage.
IC
IB
VCE
ICsat
IBend
32us
13us
10us
t
t
t
TRANSISTOR
DIODE
0.01
0.1
1
10
100
1
10
100
- - -Tj = 85 C
Tj = 25 C
VCE = 1V
IC / A
hFE
ICsat
90 %
10 %
tf
ts
IB1
IC
IB
t
t
- IB2
0.01
0.1
1
10
100
1
10
100
- - -Tj = 85 C
Tj = 25 C
VCE = 5V
IC / A
hFE
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
012
34
0.6
0.7
0.8
0.9
1
VBEsat /V
IB / A
- - -Ths = 85 C
Ths = 25 C
IC = 8 A
IC = 10 A
April 1999
3
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com