Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4530AL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BU4530AL
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4530AL Datasheet(HTML) 2 Page - NXP Semiconductors

  BU4530AL Datasheet HTML 1Page - NXP Semiconductors BU4530AL Datasheet HTML 2Page - NXP Semiconductors BU4530AL Datasheet HTML 3Page - NXP Semiconductors BU4530AL Datasheet HTML 4Page - NXP Semiconductors BU4530AL Datasheet HTML 5Page - NXP Semiconductors BU4530AL Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4530AL
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
-
1.0
K/W
R
th j-a
Junction to ambient
in free air
35
-
K/W
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
BV
EBO
Base-emitter breakdown voltage
I
B = 1 mA
7.5
12.8
-
V
V
CEOsust
Collector-emitter breakdown voltage I
B = 0 A;IC = 100 mA;
800
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 10 A; IB = 2.22 A
-
-
3.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 10 A; IB = 2.22 A
0.83
0.92
1.01
V
h
FE
DC current gain
I
C = 1 A; VCE = 5 V
-
12
-
h
FE
I
C = 10 A; VCE = 5 V
4.8
6.6
8.5
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (32 kHz line
I
Csat = 9.0 A; IB1 = 1.8 A; (IB2 = -4.5 A)
deflection dynamic test circuit).
t
s
Turn-off storage time
3.0
4.0
µs
t
f
Turn-off fall time
0.20
0.26
µs
Switching times (90 kHz line
I
Csat = 8 A;IB1 = 1.6 A; (IB2 = -4.0 A)
deflection dynamic test circuit).
t
s
Turn-off storage time
2
-
µs
t
f
Turn-off fall time
0.12
-
µs
Fig.1. Test circuit for V
CEOsust.
Fig.2. Oscilloscope display for V
CEOsust.
+ 50v
100-200R
Horizontal
Vertical
Oscilloscope
1R
6V
30-60 Hz
100R
VCE / V
min
VCEOsust
IC / mA
100
200
250
0
1 Measured with half sine-wave voltage (curve tracer).
April 1999
2
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com