| Electronic Components Datasheet Search |
|
STV-5410-R01 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-5410-R01 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 105 page ![]() VV5410 & VV6410 Timed Serial Interface Parameters cd5410-6410f-3-0.fm Commercial in confidence 24/105 7. Timed Serial Interface Parameters The previous section, Exposure Control, introduced the concept of a “timed parameter”, that is information that is written via the serial interface but will not be used immediately by the sensor, rather there will be a delay before the information is passed to the internal registers (referred to as the working registers) from the serial interface registers (referred to as the shadow registers). It is the contents of the working registers that will determine sensor behaviour. The architecture of VV5410/6410 requires that many of the programmable registers are handled in such a manner. This section will identify all these registers, describe what they are all used for and then go on to explain when they are all updated. 7.1 Listing and Categorizing the Parameters The timed parameters are split into 6 categories as follows: • fine exposure • coarse exposure • clock division • gain • pan parameter • tilt parameter • video timing There is a “pending” flag for each of the above categories. These flags are stored in Status0 Register[2]. If one of the flags is high this indicates that the working register/s controlled by that flag have yet to be updated from the according shadow register/s. This feedback information could be useful if a user is, for example, attempting to write an exposure controller. The status of the pending flags allows accurate timing of the serial interface communications. 7.1.1 Fine Exposure The fine exposure category simply comprises registers[32,33]. 7.1.2 Coarse Exposure The coarse exposure category simply comprises registers[34,35]. 7.1.3 Clock Division The clock division category simply comprises register[37]. 7.1.4 Gain The gain category simply comprises register[36]. 7.1.5 Pan Parameter The pan parameter category comprises the following registers: • Setup0[16] (The “pan_pend” flag will only be set if the subsampled QCIF mode is entered or exited) • Setup1[17] (The “pan_pend” flag will only be set if the hshuffle control bit is changing state) • Data_format[22] (The “pan_pend” flag will only be set if the hmirror control bit is changing state) • X-offset[87,88] (The “pan_pend” flag set unconditionally) 7.1.6 Tilt Parameter The tilt parameter category comprises the following registers: • Setup0[16] (The “tilt_pend” flag will only be set if the subsampled QCIF mode is entered or exited) • data_format[22] (The “tilt_pend” flag will be set if the hshuffle control bit or the hmirror control bit is changing state) • Y-offset[89,90] (The “tilt_pend” flag set unconditionally) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |