Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV-5410-R01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV-5410-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-5410-R01 Datasheet(HTML) 1 Page - STMicroelectronics

  STV-5410-R01 Datasheet HTML 1Page - STMicroelectronics STV-5410-R01 Datasheet HTML 2Page - STMicroelectronics STV-5410-R01 Datasheet HTML 3Page - STMicroelectronics STV-5410-R01 Datasheet HTML 4Page - STMicroelectronics STV-5410-R01 Datasheet HTML 5Page - STMicroelectronics STV-5410-R01 Datasheet HTML 6Page - STMicroelectronics STV-5410-R01 Datasheet HTML 7Page - STMicroelectronics STV-5410-R01 Datasheet HTML 8Page - STMicroelectronics STV-5410-R01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
®
Mono and Colour Digital Video CMOS Image Sensors
cd5410-6410f: Rev 3.0 28 September 2000
1/105
VV5410 & VV6410
Commercial in confidence
The VV5410/VV6410 are multi format digital output imaging
devices based on STMicroelectronics’s unique CMOS
sensor technology. Both sensors require minimal support
circuitry.
VV5410 (monochrome) and VV6410 (colourised) produce
digital video output. The video streams from both devices
contain embedded control data that can be used to enable
frame grabbing applications as well as providing input data
for the external exposure controller.
The pixel array in VV6410 is coated with a Bayer colour
pattern. This colourised sensor can interface to a range of
STMicroelectronics co-processors. A chipset comprising
VV6410 and STV0657 will output 8bit YUV or RGB digital
video. A USB camera can be realised by partnering VV6410
with STV0672. Finally a high quality digital stills camera can
be produced by operating VV6410 with STV0680B-001.
Please contact STMicroelectronics for ordering information
on all of these products.
Both VV5410 and VV6410 are initialised in a power saving
mode and must be enabled via I2C control before they can
produce video. The I2C allows the master coprocessor to
reconfigure the device and control exposure and gain
settings.
USB systems are catered for with an ultra low power, pin
driven, suspend mode.
The on board regulator can supply sufficient current drive to
power external components, (e.g. the video coprocessor).
Functional block diagram
Key Features
3.3V operation
Multiple video formats available
Pan tilt image feature
Sub sampled image full FOV feature
On board 10 bit ADC
On board voltage regulator
Low power suspend mode for USB systems
Automatic black and dark calibration
On board audio amplifier
I2C communications
Applications
PC camera
Personal digital assistant
Mobile video phones
Digital stills cameras
Specifications
VOLTAGE REFERENCES,VOLTAGE REGULATORS AND AUDIO AMP CIRCUITRY
DIGITAL
CONTROL
LOGIC
SDA
SCL
DATA
FST
LST
QCK
SUSPEND
OEB
PIXEL ARRAY
COLUMN ADC
X-DECODER
SRAM LINE STORE
READOUT
STRUCTURE
Y-
DECODER
Effective image sizes after
colour processing
352 x 288 (CIF,PAL)
176 x 144 (QCIF)
Pixel resolution
up to 356 x 292
Pixel size
7.5
µm x 6.9µm
Array size
2.73mm x 2.04mm
Exposure control
+81dB
Analogue gain
+12dB (recommended max)
SNR
c.56dB
Random Noise
1.17mV
Sensitivity (Green channel)
2.1V/lux.sec
Dark Current
46mV/sec
VFPN
1.2mV
Supply voltage
3.0V- 6.0V DC
+/− 10%
Supply current
26.2mA (max,CIF@30fps)
85
µA (suspend mode)
Operating temperature
(ambient)
0oC - 40oC
Package type
36pin CLCC


Similar Part No. - STV-5410-R01

ManufacturerPart #DatasheetDescription
logo
Eravant
STV-00-05-S1 ERAVANT-STV-00-05-S1 Datasheet
265Kb / 2P
G-Band Full Waveguide Band Up-Converter
Rev 1.0
STV-00-06-S1 ERAVANT-STV-00-06-S1 Datasheet
875Kb / 3P
D-Band Full Waveguide Band Up-Converter
Rev 1.5
STV-00-08-S1 ERAVANT-STV-00-08-S1 Datasheet
864Kb / 3P
F-Band Full Waveguide Band Up-Converter
Rev 1.5
STV-00-10-S1 ERAVANT-STV-00-10-S1 Datasheet
311Kb / 3P
W-Band Full Waveguide Band Up-Converter
Rev 1.4
STV-00-12-S1 ERAVANT-STV-00-12-S1 Datasheet
317Kb / 3P
E-Band Full Waveguide Band Up-Converter
Rev 1.3
More results

Similar Description - STV-5410-R01

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
STMicroelectronics
VV5404 STMICROELECTRONICS-VV5404 Datasheet
786Kb / 54P
Mono and Colour Digital Video CMOS Image Sensors
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
STMicroelectronics
VC5700 STMICROELECTRONICS-VC5700 Datasheet
30Kb / 2P
UXGA Resolution Digital Video CMOS Image Sensor
2004-Oct
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
Colour Digital Video Camera Decoder IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
Colour Digital Video Camera Decoder IC
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
SXGA Color/Mono Digital CMOS Image Sensor
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com