Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2450TL Datasheet(PDF) 1 Page - NEC

Part # UPA2450TL
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2450TL Datasheet(HTML) 1 Page - NEC

  UPA2450TL Datasheet HTML 1Page - NEC UPA2450TL Datasheet HTML 2Page - NEC UPA2450TL Datasheet HTML 3Page - NEC UPA2450TL Datasheet HTML 4Page - NEC UPA2450TL Datasheet HTML 5Page - NEC UPA2450TL Datasheet HTML 6Page - NEC UPA2450TL Datasheet HTML 7Page - NEC UPA2450TL Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS FIELD EFFECT TRANSISTOR
µµµµPA2450
N-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
G15612EJ1V0DS00 (1st edition)
Date Published
March 2002 NS CP(K)
Printed in Japan
DESCRIPTION
The
µ PA2450 is a switching device which can be driven
directly by a 2.5 V power source.
This device features a low on-state resistance and
excellent switching characteristics, and is suitable for
applications such as power switch of portable machine and
so on.
FEATURES
• 2.5 V drive avaliable
• Low on-state resistance
RDS(on)1 = 17.5 m
Ω MAX. (VGS = 4.5 V, ID = 4.0 A)
RDS(on)2 = 18.5 m
Ω MAX. (VGS = 4.0 V, ID = 4.0 A)
RDS(on)3 = 22.0 m
Ω MAX. (VGS = 3.1 V, ID = 4.0 A)
RDS(on)4 = 27.5 m
Ω MAX. (VGS = 2.5 V, ID = 4.0 A)
• Built-in G-S protection diode against ESD
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA2450TL
6PIN HWSON (4521)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±12
V
Drain Current (DC) (TA = 25°C)
ID(DC)
±8.6
A
Drain Current (pulse)
Note1
ID(pulse)
±80
A
Total Power Dissipation (2 unit)
Note2
PT1
2.5
W
Total Power Dissipation (2 unit)
Note3
PT2
0.7
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. TA = 25°C Mounted on ceramic board.
3. TA = 25°C Mounted on FR4 board.
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding the
rated voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
1
2
3
6
5
4
4.4
±0.1
5.0
±0.1
7
(0.9)
(0.15)
(3.05)
(0.50)
1,2:
3:
7:
Source 1
Gate 1
Drain
5,6:
4:
Source 2
Gate 2
EQUIVALENT CIRCUIT
Source2
Body
Diode
Gate
Protection
Diode
Gate2
Drain2
Source1
Body
Diode
Gate
Protection
Diode
Gate1
Drain1


Similar Part No. - UPA2450TL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2450TL RENESAS-UPA2450TL Datasheet
205Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - UPA2450TL

ManufacturerPart #DatasheetDescription
logo
NEC
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
N0301N RENESAS-N0301N Datasheet
261Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com