Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2450TL Datasheet(PDF) 5 Page - NEC

Part # UPA2450TL
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2450TL Datasheet(HTML) 5 Page - NEC

  UPA2450TL Datasheet HTML 1Page - NEC UPA2450TL Datasheet HTML 2Page - NEC UPA2450TL Datasheet HTML 3Page - NEC UPA2450TL Datasheet HTML 4Page - NEC UPA2450TL Datasheet HTML 5Page - NEC UPA2450TL Datasheet HTML 6Page - NEC UPA2450TL Datasheet HTML 7Page - NEC UPA2450TL Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet G15612EJ1V0DS
5
µµµµPA2450
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
1
10
100
f = 1 MHz
VGS = 0 V
0.01
Ciss
Coss
Crss
0.1
1.0
10
ID - Drain Current - A
100
1000
10
td(off)
td(on)
tf
tr
SWITCHING CHARACTERISTICS
VDD = 10 V
VGS = 4.0 V
RG = 6
Ω
0.01
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
VGS = 0 V
0.9
−40˚C
25˚C
85˚C
QG - Gate Charge - nC
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
VDD = 16 V
10 V
ID = 8.6 A
4
3
2
1
10
8
6
4
2
0
4 V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.1
1
100
1000
1
0.001
0.01
0.1
10
100
1000
S
Mounted on FR4 board on
50 cm x 1.0 mmt
2
˚C/W
178.6
Mounted on Ceramic board on
50 cm x 1.1 mmt
˚C/W
50
2
Single Pulse
PD (FET1):PD (FET2) =1:1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com