Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM048U Datasheet(PDF) 1 Page - Sharp Corporation

Part # IRM048U
Description  2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IRM048U Datasheet(HTML) 1 Page - Sharp Corporation

  IRM048U Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Target Specification 2.4 / 5 GHz ISM Power Amplifier
03/09/18
IRM046U
2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN
・ Small Package (4.2×4.2×0.9mm)
・ High Gain : 30dB for 5GHz & 2.4GHz
・ 18dBm Output Power for 802.11a
・ 18dBm Output Power for 802.11g
・ Very Low Current Consumption
●Absolute Maximum Ratings(Ta=25℃)
Parameters
Symbol
Rating
Unit
DC Supply Voltage
Vcc
6
V
Input RF Power
Pin
5
dBm
Peak Supply Current
Icc
300
mA
Total DC Power Dissipation
Pt
1
W
Storage Temperature
Tstg
-30 - +120
℃
Operating Temperature
Tc_opr
-25 - +85
℃
●Electrical Characteristics(Ta=25℃)
IRM046U
IRM047U
IRM048U
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.0
3.3
3.6
3.0
3.3
3.6
V
Frequency
Freq
2400
2500
4900
5900
MHz
Operating Case
Temperature
Tc(opr)
-25
25
+85
-25
25
+85
℃
Ileak Current
Ileak
Vcc=6V, Vbb=0V,
No RF output
0.02
0.1
0.02
0.1
µA
Idle Current
Iidle
Vcc=3.3V, Vbb=2.8V,
No RF output
55
75
mA
Output Power Gain
Gain
27
30
27
30
dB
Collector Current
Icc
105
140
mA
Control Current
Ibb
5
6.5
mA
Adjacent Channel Power
Rejection
ACPR1
- 37
- 37
dBc
Alt. Adjacent Channel
Power Rejection
ACPR2
- 51
- 51
dBc
Error Vector Magnitude*
EVM
Vcc=3.3 V,Vbb =2.8 V,
Pout=18 dBm
For Freq. 2400 - 2500
<IEEE802.11g OFDM-64QAM Input for 2.4GHz>
For Freq. 4900 – 5900 MHz
<IEEE802.11a OFDM-64QAM Input for 5GHz>
3
2
%
* Excluding non-linearity of SG.
18
Vb1-LB
RFout/Vc2-LB
Pin Description
1
6
712
13
18
19
24
25(backside)
Vbb1_LB
RFin_LB
GND
GND
RFin_HB
Vbb1&2_HB
RFout/Vcc2_LB
RFout/Vcc2_LB
GND
RFout/Vcc3_HB
RFout/Vcc3_HB
RFout/Vcc3_HB


Similar Part No. - IRM048U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
logo
DIWELL Electronics Co.,...
IRM-01 DIWELL-IRM-01 Datasheet
497Kb / 4P
1w Output Switching series Power Supply
logo
Mean Well Enterprises C...
IRM-01-12 MEANWELL-IRM-01-12 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-01-15 MEANWELL-IRM-01-15 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-01-24 MEANWELL-IRM-01-24 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
More results

Similar Description - IRM048U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1005040K5T WALSIN-RFBLN1005040K5T Datasheet
586Kb / 7P
5GHz W-LAN RF Application
RFDIP1608060TAT WALSIN-RFDIP1608060TAT Datasheet
505Kb / 7P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TCT WALSIN-RFDIP1608060TCT Datasheet
852Kb / 8P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TS0T62 WALSIN-RFDIP1608060TS0T62 Datasheet
652Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band Application
RFDIP2012100L0T WALSIN-RFDIP2012100L0T Datasheet
528Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100L3T WALSIN-RFDIP2012100L3T Datasheet
386Kb / 6P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100L37B1U WALSIN-RFDIP2012100L37B1U Datasheet
306Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100LB7B1U WALSIN-RFDIP2012100LB7B1U Datasheet
381Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com