Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM048U Datasheet (PDF) - Sharp Corporation

IRM048U Datasheet PDF - Sharp Corporation
Part # IRM048U
Download  IRM048U Download
File Size   30.92 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN

IRM048U Datasheet (PDF)

Go To PDF Page Download Datasheet
IRM048U Datasheet PDF - Sharp Corporation

Part # IRM048U
Download  IRM048U Click to download

File Size   30.92 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN

IRM048U Datasheet (HTML) - Sharp Corporation




Similar Part No. - IRM048U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
logo
DIWELL Electronics Co.,...
IRM-01 DIWELL-IRM-01 Datasheet
497Kb / 4P
1w Output Switching series Power Supply
logo
Mean Well Enterprises C...
IRM-01-12 MEANWELL-IRM-01-12 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-01-15 MEANWELL-IRM-01-15 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-01-24 MEANWELL-IRM-01-24 Datasheet
103Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
More results


Similar Description - IRM048U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1005040K5T WALSIN-RFBLN1005040K5T Datasheet
586Kb / 7P
5GHz W-LAN RF Application
RFDIP1608060TAT WALSIN-RFDIP1608060TAT Datasheet
505Kb / 7P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TCT WALSIN-RFDIP1608060TCT Datasheet
852Kb / 8P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TS0T62 WALSIN-RFDIP1608060TS0T62 Datasheet
652Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band Application
RFDIP2012100L0T WALSIN-RFDIP2012100L0T Datasheet
528Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100L3T WALSIN-RFDIP2012100L3T Datasheet
386Kb / 6P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100L37B1U WALSIN-RFDIP2012100L37B1U Datasheet
306Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100LB7B1U WALSIN-RFDIP2012100LB7B1U Datasheet
381Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com