Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5302 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5302 Datasheet HTML 1Page - ON Semiconductor CS5302 Datasheet HTML 2Page - ON Semiconductor CS5302 Datasheet HTML 3Page - ON Semiconductor CS5302 Datasheet HTML 4Page - ON Semiconductor CS5302 Datasheet HTML 5Page - ON Semiconductor CS5302 Datasheet HTML 6Page - ON Semiconductor CS5302 Datasheet HTML 7Page - ON Semiconductor CS5302 Datasheet HTML 8Page - ON Semiconductor CS5302 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CS5302
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 10 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RR(OSC) = 32.4 k, CCOMP = 1.0 nF, CSS = 0.1 μF, CREF = 0.1 μF, DAC Code 1001, CVCC = 1.0 μF,
ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Voltage Identification DAC (0 = Connected to VSS; 1 = Open or Pull−up to 3.3 V)
0
0
1
0
Not Allowed
0
0
0
1
Not Allowed
0
0
0
0
Not Allowed
Input Threshold
VID3, VID2, VID1, VID0
1.00
1.25
1.50
V
Input Pull−up Resistance
VID3, VID2, VID1, VID0
25
50
100
Pull−up Voltage
3.15
3.30
3.45
V
Power Good Output
Power Good Fault Delay
CSREF = VDAC to VDAC ± 15%
25
50
125
μs
Output Low Voltage
CSREF = 1.0 V, IPWRGD = 4.0 mA
0.25
0.40
V
Output Leakage Current
CSREF = 1.6 V, PWRGD = 5.5 V
0.1
10
μA
Lower Threshold
% of Nominal VID Code
−14
−11
−8
%
Upper Threshold
% of Nominal VID Code
8
11
14
%
Voltage Feedback Error Amplifier
VFB Bias Current (Note 2)
1.2 V < VFB < 1.9 V
9.0
10.3
11.5
μA
COMP Source Current
COMP = 0.5 V to 2.0 V;
VFB = 1.75 V; DAC = 0101
15
30
60
μA
COMP Sink Current
COMP = 0.5 V to 2.0 V;
VFB = 1.85 V; DAC = 0101
15
30
60
μA
COMP Max Voltage
VFB = 1.75 V COMP Open; DAC = 0101
2.4
2.7
V
COMP Min Voltage
VFB = 1.85 V COMP Open; DAC = 0101
0.1
0.2
V
Transconductance
−10 μA < ICOMP < +10 μA
32
mmho
Output Impedance
2.5
Open Loop DC Gain
Note 3
60
90
dB
Unity Gain Bandwidth
0.01 μF COMP Capacitor
400
kHz
PSRR @ 1.0 kHz
70
dB
Soft Start
Soft Start Charge Current
0.2 V ≤ SS ≤ 3.0 V
15
30
50
μA
Soft Start Discharge Current
0.2 V ≤ SS ≤ 3.0 V
4.0
7.5
13
μA
Hiccup Mode Charge/Discharge Ratio
3.0
4.0
Peak Soft Start Charge Voltage
3.3
4.0
4.2
V
Soft Start Discharge Threshold Voltage
0.20
0.27
0.34
V
2. The VFB Bias Current changes with the value of ROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com