Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5302 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5302 Datasheet HTML 1Page - ON Semiconductor CS5302 Datasheet HTML 2Page - ON Semiconductor CS5302 Datasheet HTML 3Page - ON Semiconductor CS5302 Datasheet HTML 4Page - ON Semiconductor CS5302 Datasheet HTML 5Page - ON Semiconductor CS5302 Datasheet HTML 6Page - ON Semiconductor CS5302 Datasheet HTML 7Page - ON Semiconductor CS5302 Datasheet HTML 8Page - ON Semiconductor CS5302 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev.7
1
Publication Order Number:
CS5302/D
CS5302
Two−Phase Buck Controller
with Integrated Gate
Drivers and 4−Bit DAC
The CS5302 is a two−phase step down controller which
incorporates all control functions required to power high performance
processors and high current power supplies. Proprietary multi−phase
architecture guarantees balanced load current distribution and reduces
overall solution cost in high current applications. Enhanced V2
control architecture provides the fastest possible transient response,
excellent overall regulation, and ease of use.
The CS5302 multi−phase architecture reduces output voltage and
input current ripple, allowing for a significant reduction in inductor
values and a corresponding increase in inductor current slew rate. This
approach allows a considerable reduction in input and output capacitor
requirements, as well as reducing overall solution size and cost.
Features
Enhanced V2 Control Method
4−Bit DAC with 1% Accuracy
Adjustable Output Voltage Positioning
4 On−Board Gate Drivers
200 kHz to 800 kHz Operation Set by Resistor
Current Sensed through Buck Inductors, Sense Resistors,
or V−S Control
Hiccup Mode Current Limit
Individual Current Limits for Each Phase
On−Board Current Sense Amplifiers
3.3 V, 1.0 mA Reference Output
On/Off Control (through Soft Start Pin)
Power Good Output with Internal Delay
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
CS5302GDW28
SO−28L
27 Units/Rail
CS5302GDWR28
SO−28L
1000 Tape & Reel
PIN CONNECTIONS
SO−28L
DW SUFFIX
CASE 751F
1
28
1
28
LGND
N/C
VCCH1
PWRGD
Gate(H)1
CSREF
GND1
CS2
Gate(L)1
CS1
VCCL1
VDRP
VCCL
VFB
ROSC
COMP
SS
VID0
VCCL2
VID1
GND2
VID3
Gate(L)2
VID2
Gate(H)2
ILIM
VCCH2
REF
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1
CS5302
AWLYYWW
28


Similar Part No. - CS5302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com