Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH3012W Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3012W
Description  Ultrafast recovery - 1200 V diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3012W Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3012W Datasheet HTML 1Page - STMicroelectronics STTH3012W Datasheet HTML 2Page - STMicroelectronics STTH3012W Datasheet HTML 3Page - STMicroelectronics STTH3012W Datasheet HTML 4Page - STMicroelectronics STTH3012W Datasheet HTML 5Page - STMicroelectronics STTH3012W Datasheet HTML 6Page - STMicroelectronics STTH3012W Datasheet HTML 7Page - STMicroelectronics STTH3012W Datasheet HTML 8Page - STMicroelectronics STTH3012W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH3012
4/9
Figure 3.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
0
5
10
15
20
25
30
35
40
45
50
55
60
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =600V
T =125°C
R
j
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
200
300
400
500
600
700
800
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =600V
T =125°C
R
j
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
Q (µC)
rr
I =2 x I
F
F(AV)
I =0.5 x I
F
F(AV)
I=I
F
F(AV)
V =600V
T =125°C
R
j
dI /dt(A/µs)
F
Figure 7.
Softness factor versus dIF/dt
(typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
S factor
I
2xI
T =125°C
F
F(AV)
j
≤
V =600V
R
dI /dt(A/µs)
F
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =600V
R
trr



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com