Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH3012W Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3012W
Description  Ultrafast recovery - 1200 V diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3012W Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3012W Datasheet HTML 1Page - STMicroelectronics STTH3012W Datasheet HTML 2Page - STMicroelectronics STTH3012W Datasheet HTML 3Page - STMicroelectronics STTH3012W Datasheet HTML 4Page - STMicroelectronics STTH3012W Datasheet HTML 5Page - STMicroelectronics STTH3012W Datasheet HTML 6Page - STMicroelectronics STTH3012W Datasheet HTML 7Page - STMicroelectronics STTH3012W Datasheet HTML 8Page - STMicroelectronics STTH3012W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH3012
Characteristics
3/9
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
115
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
57
80
IRM
Reverse recovery current
IF = 30 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
25
35
A
S
Softness factor
IF = 30 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
1.5
tfr
Forward recovery time
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.5 x VFmax, Tj = 25° C
550
ns
VFP
Forward recovery voltage
IF = 30 A, dIF/dt = 100 A/µs,
Tj = 25° C
6V
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1
δ = 0.2
δ = 0.5
0
10
20
30
40
50
60
70
80
90
100
110
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
FM
V
(V)
FM
T = 25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com