Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ2G83GFR-RDI Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # H5TQ2G83GFR-RDI
Description  2Gb DDR3 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G83GFR-RDI Datasheet(HTML) 4 Page - Hynix Semiconductor

  H5TQ2G83GFR-RDI Datasheet HTML 1Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 2Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 3Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 4Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev. 1.0 / June.2015
4
ORDERING INFORMATION
* xx means Speed Bin Grade
OPERATING FREQUENCY
* Note1: In case of 1.5V P/N (H5TQ2G8(6)3GFR), -RDC covers Lower speed of -PBC and -H9C
Part No.
Configuration
Power Consumption
Temperature
Package
H5TQ2G83GFR-*xxC
256M x 8
Normal Consumption
Commercial
78ball FBGA
H5TQ2G83GFR-*xxI
Industrial
H5TQ2G83GFR-*xxL
Low Power Consumption
(IDD6 Only)
Commercial
H5TQ2G83GFR-*xxJ
Industiral
H5TQ2G63GFR-*xxC
128M x 16
Normal Consumption
Commercial
96ball FBGA
H5TQ2G63GFR-*xxI
Industrial
H5TQ2G63GFR-*xxL
Low Power Consumption
(IDD6 Only)
Comercial
H5TQ2G63GFR-*xxJ
Industrial
Speed
Grade
(Marking)
Frequency [Mbps]
Remark
(CL-tRCD-tRP)
CL5
CL6
CL7
CL8
CL9
CL10
CL11
CL12
CL13
CL14
-H9
667
800
1066 1066 1333
1333
DDR3-1333 9-9-9
-PB
667
800
1066 1066 1333
1333
1600
DDR3-1600 11-11-11
-RD
800
1066 1066 1333
1333
1600
1866
DDR3-1866 13-13-13
-TE
800
1066 1066 1333
1333
1600
1866
2133 DDR3-2133 14-14-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com