Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ2G83GFR-RDI Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5TQ2G83GFR-RDI
Description  2Gb DDR3 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G83GFR-RDI Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5TQ2G83GFR-RDI Datasheet HTML 1Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 2Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 3Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 4Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G83GFR-RDI Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Rev. 1.0 / June.2015
3
Description
The H5TQ2G83GFR-xxC, H5TQ2G63GFR-xxC,H5TQ2G83GFR-xxI, H5TQ2G63GFR-xxI, H5TQ2G83GFR-
xxL,H5TQ2G63GFR-xxL,H5TQ2G83GFR-xxJ,H5TQ2G63GFR-xxJ are a 2,147,483,648-bit CMOS Double Data
Rate III (DDR3) Synchronous DRAM, ideally suited for the main memory applications which requires large
memory density and high bandwidth. SK Hynix 2Gb DDR3 SDRAMs offer fully synchronous operations ref-
erenced to both rising and falling edges of the clock. While all addresses and control inputs are latched on
the rising edges of the CK (falling edges of the CK), Data, Data strobes and Write data masks inputs are
sampled on both rising and falling edges of it. The data paths are internally pipelined and 8-bit prefetched
to achieve very high bandwidth.
Device Features and Ordering Information
FEATURES
* This product in compliance with the RoHS directive.
• VDD=VDDQ=1.5V +/- 0.075V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data,
data strobes and data masks latched on the
rising edges of the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, 11, 12, 13
and 14 supported
• Programmable additive latency 0, CL-1, and CL-2
supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
9 and 10
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• AverageRefreshCycle (Tcase 0 oC~95oC)
- 7.8 µs at 0oC ~ 85 oC
- 3.9 µs at 85oC ~ 95 oC
Commercial Temperature( 0oC ~ 95 oC)
Industrial Temperature( -40oC ~ 95 oC)
• JEDEC standard 78ball FBGA(x8), 96ball FBGA(x16)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com