Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFN Datasheet(PDF) 2 Page - STMicroelectronics

Part # STFN
Description  N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFN Datasheet(HTML) 2 Page - STMicroelectronics

  STFN Datasheet HTML 1Page - STMicroelectronics STFN Datasheet HTML 2Page - STMicroelectronics STFN Datasheet HTML 3Page - STMicroelectronics STFN Datasheet HTML 4Page - STMicroelectronics STFN Datasheet HTML 5Page - STMicroelectronics STFN Datasheet HTML 6Page - STMicroelectronics STFN Datasheet HTML 7Page - STMicroelectronics STFN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STT5NF30L
2/8
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1) Starting Tj =25°C, Id =2A, VDD =15V.
THERMAL DATA
ON/OFF
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
4A
ID
Drain Current (continuous) at TC = 100°C
2.5
A
IDM ( )
Drain Current (pulsed)
16
A
PTOT
Total Dissipation at TC = 25°C
1.6
W
EAS (1)
Single Pulse Avalanche Energy
50
mJ
Rthj-amb
Thermal Resistance Junction-ambient
Max
78
°C/W
Tl
Max. Operating Junction Temperature
- 55 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125°C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 16V
±100
µA
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
1
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID =2 A
VGS =5V, ID =2 A
0.039
0.046
0.050
0.060
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com