Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFN Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFN
Description  N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFN Datasheet(HTML) 1 Page - STMicroelectronics

  STFN Datasheet HTML 1Page - STMicroelectronics STFN Datasheet HTML 2Page - STMicroelectronics STFN Datasheet HTML 3Page - STMicroelectronics STFN Datasheet HTML 4Page - STMicroelectronics STFN Datasheet HTML 5Page - STMicroelectronics STFN Datasheet HTML 6Page - STMicroelectronics STFN Datasheet HTML 7Page - STMicroelectronics STFN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
March 2003
STT5NF30L
N-CHANNEL 30V - 0.039
Ω -4A SOT23-6L
STripFET™II POWER MOSFET
TYPICAL RDS(on) = 0.039Ω @10V
LOW Qg
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique “Single Feature Size™”
strip-based process. The resulting transistor shows
extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less
critical alignment steps therefore a remarkable man-
ufacturing reproducibility.
APPLICATIONS
DC-DC CONVERTERS
POWER MANAGEMENT IN PORTABLE/
DESKTOP PCs
SYNCHRONOUS RECTIFICATION
DC MOTOR CONTROL (DISK DRIVERS, etc)
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
STT5NF30L
30 V
< 0.050
Ω (@ 10V)
4 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STT5NF30L
STFN
SOT23-6L
TAPE & REEL
SOT23-6L
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFN42 STMICROELECTRONICS-STFN42 Datasheet
198Kb / 10P
High voltage fast-switching NPN power transistor
08-Feb-2012
More results

Similar Description - STFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
Sep-2002
STT2PF60L STMICROELECTRONICS-STT2PF60L Datasheet
83Kb / 6P
P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET??II POWER MOSFET
May-2002
STT3PF20V STMICROELECTRONICS-STT3PF20V Datasheet
333Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET™ II POWER MOSFET
Oct-2002
STT3PF30L STMICROELECTRONICS-STT3PF30L Datasheet
229Kb / 8P
P-CHANNEL 30V - 0.14 ohm - 3A SOT23-6L STripFET™ II POWER MOSFET
Sep-2002
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET™ II POWER MOSFET
May-2002
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
May-2003
STT5PF20V STMICROELECTRONICS-STT5PF20V Datasheet
231Kb / 8P
P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
Oct-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com