Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80-0206-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 80-0206-R Datasheet HTML 2Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 3Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 4Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 5Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 6Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 7Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 8Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 9Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
RSC-4128
Data Sheet
6
P/N 80-0206-R
© 2006 Sensory Inc.
There are three programmable, general-purpose 8-bit counters / timers – Timers 1 and 3 are derived from OSC1,
and Timer2 from OSC2.
There is also a Watchdog timer that may be used to exit an undesired condition in
program flow, and Multi-tasking timer to allow chip operations to share resources in parallel.
A single chip speech I/O solution may be created with the RSC-4128. An external microphone passes an audio
signal to the preamplifier and ADC to convert the incoming speech signal into digital data. Speech features are
extracted using the Digital Filter engine. The microcontroller CPU processes these speech features using speech
recognition algorithms in firmware, with the help of the “L1” Vector Accelerator and enhanced instruction set. The
resulting speech recognition results may be used to control the consumer product application code, or to output
speech or audio in the form of a dialog with the user of the consumer product. If desired, the output speech or
audio signal from the RSC-4128 is generated by a DAC for external amplification into a speaker, or a PWM capable
of directly driving a speaker at typical consumer product volumes. A typical product will require about $0.30 - $1.00
(in high volume) of additional components, in addition to the RSC-4128.
The RSC-4128 also provides a very cost effective mixed signal platform for general-purpose applications and
development of custom algorithms. A typical general-purpose application will require about $0.30 - $0.50 (in high
volume) of additional components, in addition to the RSC-4128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com