Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80-0206-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 80-0206-R
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80-0206-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  80-0206-R Datasheet HTML 1Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 2Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 3Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 4Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 5Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 6Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 7Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 8Page - List of Unclassifed Manufacturers 80-0206-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Data Sheet
RSC-4128
3
P/N 80-0206-R
© 2006 Sensory Inc.
RSC-4128 Overview
The RSC-4128 is a member of the Interactive Speech™ line of products from Sensory. It features a high-
performance 8-bit microcontroller with on-chip ADC, DAC, preamplifier, RAM, ROM, and optimized audio
processing blocks. The RSC-4128 is designed to bring a high degree of integration and versatility into low-cost,
power-sensitive applications. Various functional units have been integrated onto the CPU core in order to reduce
total system cost and increase system reliability.
The RSC-4128 operates in tandem with FluentChip™ firmware, an ultra compact suite of recognition and synthesis
technologies. This reduced software footprint enables, for example, products with 3 minutes of compressed
speech, multiple-speaker dependent and independent vocabularies, speaker verification, and all application code
built into the RSC-4128 as a single chip solution. Revolutionary Text-to-Speaker-Independent (T2SI™) technology
allows the creation of SI recognition sets by simply entering text.
The CPU core embedded in the RSC-4128 is an 8-bit, variable-length-instruction microcontroller. The instruction
set is similar to the 8051 microcontroller, and has a variety of addressing mode, MOV and 16 bit instructions. The
RSC-4128 processor avoids the limitations of dedicated A, B, and DPTR registers by having completely
symmetrical sources and destinations for all instructions.
The RSC-4128 provides a high level of on-chip features and special DSP engines, providing a very cost effective
mixed signal platform for general-purpose applications and development of custom algorithms. The full suite of
industry standard tools for easy product development makes the RSC-4128 an ideal platform for consumer
electronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com