Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X393DGGALTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1210X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 50010,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210X393DGGALTU Datasheet(HTML) 5 Page - Kemet Corporation

  C1210X393DGGALTU Datasheet HTML 1Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 2Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 3Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 4Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 5Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 6Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 7Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 8Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 1808 Case Sizes) cont.
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.
Capacitance Cap
Code
Case Size/Series
C0603X C0805X
C1206X
C1210X
C1808X
Voltage Code
C
B
D
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,100 pF
112
F G J K M
DC DC
EF EU ED
FM FK FK FS
LC LC LC LB
1,200 pF
122
F G J K M
DC DC
EF EU ED
FM FK FK FS
LC LC LC LC
1,300 pF
132
F G J K M
DC DC
EF EU ED
FM FS FS
LC LC LC LC
1,500 pF
152
F G J K M
DD DD
EF EU ED
FK FS FS
LC LC LC LC
1,600 pF
162
F G J K M
DD DD
EF EU ED
FK FS FS
LC LC LC
1,800 pF
182
F G J K M
DG DG
EF EU EF
FK FS FS
LC LC LC
2,000 pF
202
F G J K M
DG DG
EU EQ EF
FK FL FS
LC LA LB
2,200 pF
222
F G J K M
DG DG
EU EQ EF
FK FL FS
LC LA LB
2,400 pF
242
F G J K M
DG DG
EU EQ EU
FS FL FS
LC LA LB
2,700 pF
272
F G J K M
DG DG
EU EQ EU
FS FL FS
LC LA LC
3,000 pF
302
F G J K M
EQ EQ
FS FL FF
LA LA LA
3,300 pF
332
F G J K M
EQ EQ
FS FM FG
LA LA LA
3,600 pF
362
F G J K M
ER ER
FL FM FG
LA LB LA
3,900 pF
392
F G J K M
ER ER
FL FY FL
LA LB LA
4,300 pF
432
F G J K M
ES ES
FM FY FL
LA LC LA
4,700 pF
472
F G J K M
ES ES
FM FY FM
LA LC LB
5,100 pF
512
F G J K M
EE EE
FY FS FM
LA LB LB
5,200 pF
562
F G J K M
EF EF
FY FS FM
LB LC LC
6,200pF
622
F G J K M
EF EF
FY FE FY
LC LC LC
6,800pF
682
F G J K M
EU EU
FY FE FY
LC LC LC
7,500pF
752
F G J K M
EU EU
FS FF FS
LA LA
8,200pF
822
F G J K M
EU EU
FS FF FS
LA LA
9,100 pF
912
F G J K M
EU EU
FF FF FS
LA LA
10,000 pF
103
F G J K M
EU EU
FG FG FS
LA LA
12,000 pF
123
F G J K M
EU
FG FG FM
LA LA
15,000 pF
153
F G J K M
EU
FM FM FS
LB LB
18,000 pF
183
F G J K M
FM FM FS
LC LC
22,000 pF
223
F G J K M
FY FY FS
27,000 pF
273
F G J K M
FS FS
33,000 pF
333
F G J K M
FS FS
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
C
B
D
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Case Size/Series
C0603X
C0805X
C1206X
C1210X
C1808X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com