Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X393DGGALTU Datasheet(PDF) 12 Page - Kemet Corporation

Part # C1210X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 50010,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210X393DGGALTU Datasheet(HTML) 12 Page - Kemet Corporation

Back Button C1210X393DGGALTU Datasheet HTML 8Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 9Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 10Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 11Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 12Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 13Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 14Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 15Page - Kemet Corporation C1210X393DGGALTU Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Stress
Reference
Test Condition
Limits
Visual and
Mechanical
KEMET Internal
No defects that may affect performance (10X)
Dimensions according
KEMET Spec Sheet
Capacitance
(Cap)
KEMET Internal
C ≤ 1,000 pF
Frequency: 1 MHz ±100 kHz
Voltage*:1.0 V
rms ±0.2 V
C > 1,000 pF
Frequency: 1 kHz ±50 Hz
Voltage: 1.0 V
rms ±0.2 V
* See part number specification sheet for voltage
Within Tolerance
Dissipation
Factor (DF)
KEMET Internal
C ≤ 1,000 pF
Frequency: 1 MHz ±100 kHz
Voltage*:1.0 V
rms ±0.2 V
C > 1,000 pF
Frequency: 1 kHz ±50 Hz
Voltage: 1.0 V
rms ±0.2 V
* See part number specification sheet for voltage
Within Specification
Dissipation factor (DF) maximum
limit at 25°C = 0.1%
Insulation
Resistance (IR)
KEMET Internal
500 VDC applied for 120 ±5 seconds at 25°C
Within Specification
To obtain IR limit, divide MΩ-µF value
by the capacitance and compare to
GΩ limit. Select the lower of the two
limits. 1,000 megohm microfarads
or 100 GΩ.
Temperature
Coefficient of
Capacitance (TCC)
KEMET Internal
Capacitance change with reference to +25°C and
0 VDC applied.
* See part number specification sheet
for voltage
Step
Temperature (°C)
1
+25°C
2
−55°C
3
+25°C (Reference Temperature)
4
+125°C
Within Specification: ±30 ppm / °C
Table 4 – Performance & Reliability: Test Methods and Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com