| Electronic Components Datasheet Search |
|
HVLED101 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED101 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 36 page ![]() When the falling edge is detected, the IC can either turn on the MOSFET after the programmed delay time or start counting the number of falling edges (valley) defined by the voltage at VL pin as per valley locking algorithm (see relevant paragraph). Figure 10. ZCD algorithm diagram TBLANK ,min N = 1 Wait ZCD Trigger Twait ZCD_arm = FALSE ZCD_trig = TRUE AND Nvalley > 0 T DCM Twait TLEB VCS > VCS _ th GD = OFF GD_THD = OFF N = 2 N = 3 N = 4 N = 5 Twait Twait Twait Twait Tdly ZCD_arm = TRUE ZCD_trig = TRUE AND Nvalley = 0 End OfT wait OR ZCD_trig = TRUE AND Fbint > VDCM EndOfTwait OR ZCD_trig = TRUE AND Fbint < VDCM En dOf Timer (TDCM) EndO fTwait OR ZCD_trig = TRUE GD = OFF GD_THD = OFF (FB = Hi Z) GD = ON GD_THD = ON 6.3.5.2 Bottom valley synchronization The pin DLY/CFG is used to adjust the delay time that the HVLED101 applies between ZCD trigger signal (falling edge) and MOSFET turn-on. A delay time can be programmed selecting a proper value of the resistor mounted between DLY/CFG and GND. 6.3.5.3 Valley locking and frequency fold-back The QR flyback efficiency as well as Power Factor and THD can be improved reducing the operating frequency at light load. In order to maintain low turn-on losses, the frequency fold-back technique is achieved turning on the MOSFET on the bottom of a resonance valley (valley skip). In order to avoid random jumping between adjacent valleys (especially at high power), the valley locking scheme is adopted and the number of jumping valleys remains constant until a significant modification of output power or input voltage presents. As a result, input THD is minimized at intermediate load, audible noise is avoided and output variable is smoothly regulated. HVLED101 Control loop DS14143 - Rev 2 page 19/36 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |