Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVLED101 Datasheet(PDF) 17 Page - STMicroelectronics

Part # HVLED101
Description  Advanced high power factor flyback controller with valley locking and maximum power control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED101 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HVLED101 Datasheet HTML 13Page - STMicroelectronics HVLED101 Datasheet HTML 14Page - STMicroelectronics HVLED101 Datasheet HTML 15Page - STMicroelectronics HVLED101 Datasheet HTML 16Page - STMicroelectronics HVLED101 Datasheet HTML 17Page - STMicroelectronics HVLED101 Datasheet HTML 18Page - STMicroelectronics HVLED101 Datasheet HTML 19Page - STMicroelectronics HVLED101 Datasheet HTML 20Page - STMicroelectronics HVLED101 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Table 7. THD gate activity vs. operating modes
Operating mode
THD gate activity
Active mode (QR up to 6th valley)
GDTHD same as GD activity
Active mode (from 6th valley DCM mode)
GDTHD off (THD pin = HiZ)
Ramp-up time
GDTHD always on
Burst mode inactive phase (both PSR or OPTO)
GDTHD always on
OCP protection period
GDTHD always on
iOVP protection period
GDTHD always off (THD pin = HiZ)
Brownout protection
GDTHD always off (THD pin = HiZ)
Fault protection
GDTHD always off (THD pin = HiZ)
Auto restart time (after UVP)
GDTHD always off (THD pin = HiZ)
6.3.2
Maximum power control
The THD optimizer block lets the average value of the OPTO or FB value to be proportional to input power and
input voltage.
An internal MPC block generates a value that is derived from input voltage and that is connected in OR logic with
OPTO and FB.
Such a method allows the topology to absorb from the input source a maximum power that is independent from
input voltage and input shape.
At overloading occurrence, the IC does not take any action, but simply limits the delivered power to MPC level.
The value of current sense resistor RCS is defined by this MPC block.
RCS= KM∙KMPC
4∙NDC∙PIN_AVG
MPC block automatically detects if input voltage is AC or DC: if the input voltage does not drop below VDC-DET
for a time longer than TDC-DET, then it is assumed that a DC voltage is connected and MPC level is adjusted
accordingly, putting NDC = ½.
The AC mode is recovered (NDC = 1) at first crossing of said level.
Note that the internal peak detector is always active and triggers the maximum of any fluctuation superimposed to
HVSU voltage. If said voltage is a pure DC, the peak detector stores the input voltage itself.
Figure 9. DC detection waveforms
VDC-DET
NDC
Switching activity
TDC-DET
1/1
1/2
VHVSU
HVLED101
Control loop
DS14143 - Rev 2
page 17/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com