Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLUENRG-332VC Datasheet(PDF) 15 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 11Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 12Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 13Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 14Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 15Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 16Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 17Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 18Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
2.9
Clock management
Three different clock sources may be used to drive the system clock of the BlueNRG-LPS:
•
HSI: high speed internal 64 MHz RC oscillator
•
PLL64M: 64 MHz PLL clock
•
HSE: high speed 32 MHz external crystal
The BlueNRG-LPS also has a low speed clock tree used by some timers in the radio, RTC, IWDG and LPUART.
Three different clock sources can be used for this low speed clock tree:
•
Low speed internal (LSI): low speed and low drift internal RC with a fixed frequency between 24 kHz and
49 kHz depending on the sample
•
Low speed external (LSE) from:
–
An external crystal 32.768 kHz
–
A single-ended 32.738 kHz input signal
•
A 32 kHz clock derived from dividing HSI or HSE. In this case, the slow clock is not available in
DEEPSTOP low-power mode
By default, after a system reset, all low speed sources are OFF.
Both the activation and the selection of the slow clock are relevant during DEEPSTOP mode and at wakeup as
slow clock generates a clock for the timers involved in wake-up event generation.
The HSI and the PLL64M clocks are provided by the same analog block called RC64MPLL. The 64 MHz clock
output by this block can be:
•
A non-accurate clock when no external XO provides an input clock to this block (HSI)
•
An accurate clock when the external XO provides the 32 MHz and once its internal PLL is locked (PLL64M)
After reset, the CLK_SYS is divided by four to provide 16 MHz to the whole system (CPU, DMA, memories and
peripherals).
BlueNRG-LPS
Clock management
DS13819 - Rev 4
page 15/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com